Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1655LIN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1655LIN8
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655LIN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1655LIN8 Datasheet HTML 6Page - Linear Technology LTC1655LIN8 Datasheet HTML 7Page - Linear Technology LTC1655LIN8 Datasheet HTML 8Page - Linear Technology LTC1655LIN8 Datasheet HTML 9Page - Linear Technology LTC1655LIN8 Datasheet HTML 10Page - Linear Technology LTC1655LIN8 Datasheet HTML 11Page - Linear Technology LTC1655LIN8 Datasheet HTML 12Page - Linear Technology LTC1655LIN8 Datasheet HTML 13Page - Linear Technology LTC1655LIN8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1655/LTC1655L
APPLICATIONS INFORMATION
Rail-to-Rail Output Considerations
In any rail-to-rail DAC, the output swing is limited to
voltages within the supply range.
If the DAC offset is negative, the output for the lowest
codes limits at 0V as shown in Figure 1b.
Similarly, limiting can occur near full-scale when the REF
pin is tied to VCC/2. If VREF = VCC/2 and the DAC full-scale
error (FSE) is positive, the output for the highest codes
limits at VCC as shown in Figure 1c. No full-scale limiting
can occur if VREF is less than (VCC – FSE)/2.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
Figure 1. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative
Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC/2
1655/55L F01
INPUT CODE
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
32768
0
65535
INPUT CODE
OUTPUT
VOLTAGE
VREF = VCC/2
VCC
VCC
VREF = VCC /2
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
(1b)
(1a)
(1c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com