Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1655 Datasheet(PDF) 1 Page - Linear Technology

Part # 1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1655 Datasheet(HTML) 1 Page - Linear Technology

  1655 Datasheet HTML 1Page - Linear Technology 1655 Datasheet HTML 2Page - Linear Technology 1655 Datasheet HTML 3Page - Linear Technology 1655 Datasheet HTML 4Page - Linear Technology 1655 Datasheet HTML 5Page - Linear Technology 1655 Datasheet HTML 6Page - Linear Technology 1655 Datasheet HTML 7Page - Linear Technology 1655 Datasheet HTML 8Page - Linear Technology 1655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1655/LTC1655L
16-Bit Rail-to-Rail
Micropower DACs in
SO-8 Package
s
16-Bit Monotonicity Over Temperature
s
Deglitched Rail-to-Rail Voltage Output
s
SO-8 Package
s
ICC(TYP): 600µA
s
Internal Reference: 2.048V (LTC1655)
1.25V (LTC1655L)
s
Maximum DNL Error:
±1LSB
s
Settling Time: 20
µS to ±1LSB
s
750kHz Max Update Rate
s
Power-On Reset to Zero Volts
s
3-Wire Cascadable Serial Interface
s
Low Cost
s
Pin Compatible Upgrade for LTC1451 12-Bit DAC
Family
The LTC
®1655/LTC1655L are rail-to-rail voltage output,
16-bit digital-to-analog converters in an SO-8 package.
They include an output buffer and a reference. The 3-wire
serial interface is compatible with SPI/QSPI and
MICROWIRE
TM protocols. The CLK input has a Schmitt
trigger that allows direct optocoupler interface.
The LTC1655 has an onboard 2.048V reference that can be
overdriven to a higher voltage. The output swings from 0V
to 4.096V when using the internal reference. The typical
power dissipation is 3.0mW on a single 5V supply.
The LTC1655L has an onboard 1.25V reference that can be
overdriven to a higher voltage. The output swings from 0V
to 2.5V when using the internal reference. The typical
power dissipation is 1.8mW on a single 3V supply.
The LTC1655/LTC1655L are pin compatible with Linear
Technology’s 12-bit VOUT DAC family, allowing an easy
upgrade path. They are the only buffered 16-bit DACs in
an SO-8 package and they include an onboard reference
for standalone performance.
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Cellular Telephones
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
–
+
16-BIT
DAC
LTC1655: 4.5V TO 5.5V
LTC1655L: 2.7V TO 5.5V
LTC1655: 2.048V
LTC1655L: 1.25V
GND
POWER-ON
RESET
TO
OTHER
DACS
16-BIT
SHIFT
REG
AND
DAC
LATCH
µP
DIN
VCC
16
REF
2
86
DOUT
4
5
1655/55L TA01
CLK
1
CS/LD
3
7
VOUT
REF
Functional Block Diagram: 16-Bit Rail-to-Rail DAC
Differential Nonlinearity
vs Input Code
CODE
0
– 1.0
– 0.2
– 0.4
– 0.6
– 0.8
0
0.2
0.4
0.6
0.8
1.0
16384
32768
1655/55L TA02
49152
65535
APPLICATIO S
FEATURES
DESCRIPTIO
FU CTIO AL BLOCK DIAGRA


Similar Part No. - 1655

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
1655 AVAGO-1655 Datasheet
169Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
logo
List of Unclassifed Man...
1655 ETC2-1655 Datasheet
646Kb / 1P
Variable isolated 0-150 VAC
logo
Alpha Wire
1655 ALPHAWIRE-1655 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
1655 ALPHAWIRE-1655 Datasheet
97Kb / 3P
Customer Specification
3/12/2023
logo
Heyco.
1655 HEYCO-1655 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
More results

Similar Description - 1655

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1655 LINER-LTC1655_15 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com