Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3406 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology LTC3406 Datasheet HTML 10Page - Linear Technology LTC3406 Datasheet HTML 11Page - Linear Technology LTC3406 Datasheet HTML 12Page - Linear Technology LTC3406 Datasheet HTML 13Page - Linear Technology LTC3406 Datasheet HTML 14Page - Linear Technology LTC3406 Datasheet HTML 15Page - Linear Technology LTC3406 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
APPLICATIO S I FOR ATIO
For the feedback resistors, choose R1 = 316k. R2 can
then be calculated from equation (2) to be:
R
V
Rk
OUT
2
06
1
1 1000
=
−
⎛
⎝
⎜
⎞
⎠
⎟
=
.
VIN
CIN
†
2.2µF
CER
VIN
2.7V
TO 4.2V
LTC3406
RUN
3
2.2µH*
22pF
1M
316k
3406 F07a
5
4
1
2
SW
VFB
GND
COUT**
10µF
CER
VOUT
2.5V
* MURATA LQH32CN2R2M33
** TAIYO YUDEN JMK316BJ106ML
† TAIYO YUDEN LMK212BJ225MG
Figure 7a
Figure 7b
Figure 7 shows the complete circuit along with its effi-
ciency curve.
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
1000
3406 F07b
60
1
90
75
65
VOUT = 2.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
TYPICAL APPLICATIO S
Single Li-Ion 1.5V/600mA Regulator for
High Efficiency and Small Footprint
VIN
CIN**
4.7µF
CER
VIN
2.7V
TO 4.2V
LTC3406-1.5
RUN
3
2.2µH*
3406 TA05
5
4
1
2
SW
VOUT
GND
COUT1
†
10µF
CER
VOUT
1.5V
*
**
†
MURATA LQH32CN2R2M33
TAIYO YUDEN JMK212BJ475MG
TAIYO YUDEN JMK316BJ106ML
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 TA06
60
1
85
75
65
VOUT = 1.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20µs/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 0A TO 600mA
3406 TA07
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20µs/DIV
VIN = 3.6V
VOUT = 1.5V
ILOAD = 200mA TO 600mA
3406 TA08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com