Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3526 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3526
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3526 Datasheet HTML 8Page - Linear Technology LTC3526 Datasheet HTML 9Page - Linear Technology LTC3526 Datasheet HTML 10Page - Linear Technology LTC3526 Datasheet HTML 11Page - Linear Technology LTC3526 Datasheet HTML 12Page - Linear Technology LTC3526 Datasheet HTML 13Page - Linear Technology LTC3526 Datasheet HTML 14Page - Linear Technology LTC3526 Datasheet HTML 15Page - Linear Technology LTC3526 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3526/LTC3526B

3526bfd
2-Cell to 3.3V
SW
VIN
1.78M
4.7µH*
1M
*TAIYO-YUDEN NP03SB4R7M
1µF
4.7µF
3526 TA05a
LTC3526
SHDN
VOUT
FB
VIN
2V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA05b
30
20
10
0
90
100
VIN = 3.0V
VIN = 2.4V
VIN = 1.8V
VOUT = 3.3V
Typical applicaTions
2-Cell to 5V
SW
VIN
3.24M
6.8µH*
1.02M
*TAIYO-YUDEN NP03SB6R8M
1µF
10µF
22pF
3526 TA06a
LTC3526
SHDN
VOUT
FB
VIN
2V TO 3.2V
VOUT
5V
150mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA06b
30
20
10
0
90
100
VIN = 3.0V
VIN = 2.4V
VIN = 1.8V
VOUT = 5V
Li-Ion to 5V
SW
VIN
3.24M
6.8µH*
1.02M
*TAIYO-YUDEN NP03SB6R8M
1µF
10µF
22pF
3526 TA08a
LTC3526
SHDN
VOUT
FB
VIN
2.7V TO 4.3V
VOUT
5V
200mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA08b
30
20
10
0
90
100
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com