Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3442 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3442 Datasheet HTML 4Page - Linear Technology LTC3442 Datasheet HTML 5Page - Linear Technology LTC3442 Datasheet HTML 6Page - Linear Technology LTC3442 Datasheet HTML 7Page - Linear Technology LTC3442 Datasheet HTML 8Page - Linear Technology LTC3442 Datasheet HTML 9Page - Linear Technology LTC3442 Datasheet HTML 10Page - Linear Technology LTC3442 Datasheet HTML 11Page - Linear Technology LTC3442 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3532
8
3532fc
Buck Region (VIN > VOUT)
Switch D is always on and switch C is always off dur-
ing this mode. When the internal control voltage, VCI, is
above voltage V1, output A begins to switch. During the
off-time of switch A, synchronous switch B turns on for
the remainder of the time. Switches A and B will alternate
like a typical synchronous buck regulator. As the control
voltage increases, the duty cycle of switch A increases
until the maximum duty cycle of the converter in buck
mode reaches DMAX_BUCK, given by:
DMAX_BUCK = 100 – D4SW %
where D4SW = duty cycle % of the 4-switch range.
D4SW = (150ns • f) • 100 %
where f = operating frequency, Hz.
Beyond this point the “4-switch,” or buck/boost region
is reached.
Buck/Boost or 4-Switch (VIN ~ VOUT)
When the internal control voltage, VCI, is above voltage
V2, switch pair AD remain on for duty cycle DMAX_BUCK,
and the switch pair AC begins to phase in. As switch pair
AC phases in, switch pair BD phases out accordingly.
When the VCI voltage reaches the edge of the buck/boost
range, at voltage V3, the AC switch pair completely phase
out the BD pair, and the boost phase begins at duty cycle
D4SW. The input voltage, VIN, where the 4-switch region
begins is given by:
OPERATIO
88%
DMAX
BOOST
DMIN
BOOST
DMAX
BUCK
DUTY
CYCLE
0%
V4 (≈2.05V)
V3 (≈1.65V)
BOOST REGION
BUCK REGION
BUCK/BOOST REGION
V2 (≈1.55V)
V1 (≈0.9V)
3532 F02
A ON, B OFF
PWM CD SWITCHES
D ON, C OFF
PWM AB SWITCHES
FOUR SWITCH PWM
INTERNAL
CONTROL
VOLTAGE, VCI
Figure 2. Switch Control vs Internal Control Voltage, VCI
VIN =
VOUT
1– (150ns • f)
The point at which the 4-switch region ends is given by:
VIN = VOUT(1 – D) = VOUT(1 – 150ns • f) V
Boost Region (VIN < VOUT)
Switch A is always on and switch B is always off dur-
ing this mode. When the internal control voltage, VCI, is
above voltage V3, switch pair CD will alternately switch
to provide a boosted output voltage. This operation is like
a synchronous boost regulator. The maximum duty cycle
of the converter is limited to 88% typical and is reached
when VCI is above V4.
Burst Mode OPERATION
Burst Mode operation occurs when the IC delivers energy
to the output until it is regulated and then goes into a sleep
mode where the outputs are off and the IC is consuming
only 35μA of quiescent current from VIN. In this mode the
output ripple has a variable frequency component that
depends upon load current, and will typically be about
2% peak-to-peak. Burst Mode operation ripple can be
reduced slightly by using more output capacitance (47μF
or greater). Another method of reducing Burst Mode
operation ripple is to place a small feedforward capacitor
across the upper resistor in the VOUT feedback divider
network (as in Type III compensation). During the period
where the device is delivering energy to the output, the
peak switch current will be equal to 250mA typical and
the inductor current will terminate at zero current for each
cycle. In this mode the typical maximum average output
current is given by:
IOUT(MAX)BURST ≈
0.2 • VIN
VOUT + VIN
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com