Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC690 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC690
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 3 Page - Linear Technology

  LTC690 Datasheet HTML 1Page - Linear Technology LTC690 Datasheet HTML 2Page - Linear Technology LTC690 Datasheet HTML 3Page - Linear Technology LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2903-1
29031f a
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IV1
V1 Input Current (Note 4)
V1 = 3.3V (LTC2903-A1, LTC2903-D1)
●
20
80
µA
V1 = 5V (LTC2903-B1, LTC2903-C1,
●
25
80
µA
LTC2903-E1)
IV2
V2 Input Current (Note 4)
V2 = 2.5V (LTC2903-A1)
●
830
µA
V2 = 3.3V (LTC2903-B1, LTC2903-C1)
●
10
30
µA
V2 = 0.55V (LTC2903-D1, LTC2903-E1)
●
±30
nA
IV3
V3 Input Current
V3 = 1.8V (LTC2903-A1, LTC2903-C1)
●
830
µA
V3 = 2.5V (LTC2903-B1)
●
10
30
µA
V3 = 0.55V (LTC2903-D1, LTC2903-E1)
●
±30
nA
IV4
V4 Input Current
V4 = 0.55V (LTC2903-A1)
●
±30
nA
V4 = 1.8V (LTC2903-B1)
●
24
µA
V4 = –5.2V (LTC2903-C1)
●
–3
–6
µA
V4 = 0.55V (LTC2903-D1, LTC2903-E1)
●
±30
nA
tRST
Reset Time-Out Period
●
140
200
260
ms
tUV
VX Undervoltage Detect to RST
VX Less Than Threshold VRTX by
150
µs
More Than 1%
VOH
Output Voltage High RST (LTC2903-1) (Note 5)
IRST(DN) = –1µA (LTC2903-A1,
●
V2 – 1
V
LTC2903-B1, LTC2903-C1)
(LTC2903-D1, LTC2903-E1)
●
V1 – 1
V
VOL
Output Voltage Low RST (Note 6)
VCC = 0.2V, IRST = 0.1µA
●
560
mV
VCC = 0.5V, IRST = 5µA
●
10
150
mV
VCC = 1V, IRST = 200µA
●
25
300
mV
VCC = 3V, IRST = 2500µA
●
100
300
mV
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 3.3V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise noted.
Note 3: The internal supply voltage (VCC) is generated from the greater
voltage on the V1 and V2 inputs. VCC = V1 for options D1 and E1.
Note 4: Under typical operating conditions, quiescent current is drawn
from the V1 input. When V2 exceeds V1, V2 supplies the quiescent
current. V1 only for options D1 and E1.
Note 5: The RST output pin on the LTC2903-1 has an internal pull-up to
V2 (for options A1, B1 and C1) of typically 10µA. However, for faster rise
times or for VOH voltages greater than V2, use an external pull-up resistor.
The internal pull-up is connected to V1 for options D1 and E1.
Note 6: For options A1, B1 and C1, the RST pulldown current is derived
from V1, V2 and V3. For options D1 and E1, pulldown strength is derived
from V1.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT33
3.3V, 5% Reset Threshold
V1 Input Threshold
●
3.036
3.086
3.135
V
VRTAV2
V2 Adjustable Threshold
V2 Input Threshold
●
0.492
0.500
0.508
V
VRTAV3
V3 Adjustable Threshold
V3 Input Threshold
●
0.492
0.500
0.508
V
VRTAV4
V4 Adjustable Threshold
V4 Input Threshold
●
0.492
0.500
0.508
V
(LTC2903-D1) The
● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
●
4.600
4.675
4.750
V
VRTAV2
V2 Adjustable Threshold
V2 Input Threshold
●
0.492
0.500
0.508
V
VRTAV3
V3 Adjustable Threshold
V3 Input Threshold
●
0.492
0.500
0.508
V
VRTAV4
V4 Adjustable Threshold
V4 Input Threshold
●
0.492
0.500
0.508
V
(LTC2903-E1) The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = 25°C. VCC = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com