Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3402 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 2 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC1871
2
1871fe
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage ............................................... – 0.3V to 36V
INTVCC Voltage............................................ –0.3V to 7V
INTVCC Output Current.......................................... 50mA
GATE Voltage ............................ –0.3V to VINTVCC + 0.3V
ITH, FB Voltages ....................................... –0.3V to 2.7V
RUN, MODE/SYNC Voltages ....................... –0.3V to 7V
FREQ Voltage ............................................ –0.3V to 1.5V
SENSE Pin Voltage.................................... –0.3V to 36V
Operating Temperature Range (Note 2)
LTC1871E............................................. –40°C to 85°C
LTC1871I............................................ –40°C to 125°C
LTC1871H .......................................... –40°C to 150°C
Junction Temperature (Note 3)
LTC1871E/LTC1871I......................................... 125°C
LTC1871H ......................................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
RUN
ITH
FB
FREQ
MODE/
SYNC
10
9
8
7
6
SENSE
VIN
INTVCC
GATE
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1871EMS#PBF
LTC1871EMS#TRPBF
LTSX
10-Lead Plastic MSOP
–40°C to 85°C
LTC1871IMS#PBF
LTC1871IMS#TRPBF
LTBFC
10-Lead Plastic MSOP
–40°C to 125°C
LTC1871HMS#PBF
LTC1871HMS#TRPBF
LTCXS
10-Lead Plastic MSOP
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1871EMS
LTC1871EMS#TR
LTSX
10-Lead Plastic MSOP
–40°C to 85°C
LTC1871IMS
LTC1871IMS#TR
LTBFC
10-Lead Plastic MSOP
–40°C to 125°C
LTC1871HMS
LTC1871HMS#TR
LTCXS
10-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com