Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 5 Page - Linear Technology

  LTC4263 Datasheet HTML 1Page - Linear Technology LTC4263 Datasheet HTML 2Page - Linear Technology LTC4263 Datasheet HTML 3Page - Linear Technology LTC4263 Datasheet HTML 4Page - Linear Technology LTC4263 Datasheet HTML 5Page - Linear Technology LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4263
5
4263fe
TYPICAL PERFORMANCE CHARACTERISTICS
Powering an IEEE 802.3af PD
Powering a Legacy PD with
220μF Bypass Capacitor
Classification Transient
Response to 40mA Load Step
Overload Restart Delay
Midspan Backoff with Invalid PD
Overcurrent Response Time
Response to PD Removal with
AC Disconnect Enabled
Rapid Response to 1Ω Short
Rapid Response to
Momentary 50Ω Short
100ms/DIV
VDD48
VSS
4263 G01
VOUT
10V/DIV
POWER
ON
CLASSIFICATION
DETECTION
PHASE 2
DETECTION
PHASE 1
25ms/DIV
VDD48
VSS
4263 G02
VOUT
20V/DIV
IOUT
200mA/DIV
0mA
400mA
CLASSIFICATION
425mA CURRENT LIMIT
LOAD
FULLY
CHARGED
FOLDBACK
100μs/DIV
VDD48 – 18V
VDD48 – 19V
4263 G06
VOUT
2V/DIV
IOUT
20mA/DIV
0mA
40mA
VDD48 – VSS = 48V
TA = 25°C
500ms/DIV
VDD48
VSS
4263 G10
VOUT
10V/DIV
IPORT
500mA/
DIV
tED
500ms/DIV
VDD48
4263 G11
VOUT
2V/DIV
tDBO
RPORT = 15.5kΩ
10ms/DIV
VDD48
VSS
4263 G12
VOUT
20V/DIV
IOUT
200mA/DIV
0mA
400mA
tOVLD
LOAD
APPLIED
PORT OFF
50ms/DIV
VDD48
VSS
4263 G13
VOUT
10V/DIV
tMPDO
PORT OFF
PD REMOVAL
1μs/DIV
VDD48
VSS
4263 G14
VOUT
20V/DIV
IPORT
20A/
DIV
0A
20A
IPORT = CURRENT IN
1Ω RESISTOR APPLIED
TO OUTPUT OF CIRCUIT
ON FRONT PAGE
1Ω SHORT
APPLIED
100μs/DIV
VDD48
VSS
4263 G15
VOUT
20V/DIV
IPORT
400mA/DIV
0mA
800mA
CURRENT
LIMIT ACTIVE
50Ω SHORT APPLIED
SHORT
REMOVED
FOLDBACK CURRENT LIMIT
IPORT = CURRENT IN 50Ω RESISTOR APPLIED
TO OUTPUT OF CIRCUIT ON FRONT PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com