Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1339
Description  High Speed Single/Dual N-Channel MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 3 Page - Linear Technology

  LT1339 Datasheet HTML 1Page - Linear Technology LT1339 Datasheet HTML 2Page - Linear Technology LT1339 Datasheet HTML 3Page - Linear Technology LT1339 Datasheet HTML 4Page - Linear Technology LT1339 Datasheet HTML 5Page - Linear Technology LT1339 Datasheet HTML 6Page - Linear Technology LT1339 Datasheet HTML 7Page - Linear Technology LT1339 Datasheet HTML 8Page - Linear Technology LT1339 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1693
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Timing (Note 4)
tRISE
Output Rise Time
COUT = 1nF
q
17.5
35
ns
COUT = 4.7nF
q
48.0
85
ns
tFALL
Output Fall Time
COUT = 1nF
q
16.5
35
ns
COUT = 4.7nF
q
42.0
75
ns
tPLH
Output Low-High Propagation Delay
COUT = 1nF
q
38.0
70
ns
COUT = 4.7nF
q
40.0
75
ns
tPHL
Output High-Low Propagation Delay
COUT = 1nF
q
32
70
ns
COUT = 4.7nF
q
35
75
ns
Driver Isolation
RISO
GND1-GND2 Isolation Resistance
LTC1693-1, LTC1693-2 GND1-to-GND2 Voltage = 75V
q
0.075
1
G
Ω
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Supply current is the total current for both drivers.
Note 3: Only the LTC1693-3 has a PHASE pin.
Note 4: All AC timing specificatons are guaranteed by design and are not
production tested.
Note 5: Only applies to the LTC1693-1 and LTC1693-2.
TYPICAL PERFOR A CE CHARACTERISTICS
IN Threshold Voltage vs VCC
TEMPERATURE (
°C)
–50
1.2
1.3
1.4
25
75
1693 G03
1.1
1.0
– 25
0
50
100
125
0.9
0.8
VCC = 12V
VIH-VIL
IN Threshold Hysteresis
vs Temperature
IN Threshold Voltage
vs Temperature
VCC (V)
5
2.00
2.25
2.75
810
1693 G01
1.75
1.50
67
911
12
1.25
1.00
2.50
VIH
VIL
TA = 25°C
TEMPERATURE (
°C)
–50
2.75
25
1693 G02
2.00
1.50
–25
0
50
1.25
1.00
3.00
2.50
VIH
VIL
2.25
1.75
75
100
125
VCC = 12V
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com