Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1876 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1876
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 14Page - Linear Technology LTC1876 Datasheet HTML 15Page - Linear Technology LTC1876 Datasheet HTML 16Page - Linear Technology LTC1876 Datasheet HTML 17Page - Linear Technology LTC1876 Datasheet HTML 18Page - Linear Technology LTC1876 Datasheet HTML 19Page - Linear Technology LTC1876 Datasheet HTML 20Page - Linear Technology LTC1876 Datasheet HTML 21Page - Linear Technology LTC1876 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1778/LTC1778-1
1778fb
APPLICATIO S I FOR ATIO
CIN is chosen for an RMS current rating of about 5A at
85°C. The output capacitors are chosen for a low ESR of
0.013Ω to minimize output voltage changes due to induc-
tor ripple current and load steps. The ripple voltage will be
only:
∆VOUT(RIPPLE) = ∆IL(MAX) (ESR)
= (5.1A) (0.013Ω) = 66mV
However, a 0A to 10A load step will cause an output
change of up to:
∆VOUT(STEP) = ∆ILOAD (ESR) = (10A) (0.013Ω) = 130mV
An optional 22µF ceramic output capacitor is included to
minimize the effect of ESL in the output ripple. The
complete circuit is shown in Figure 9.
PC Board Layout Checklist
When laying out a PC board follow one of the two sug-
gested approaches. The simple PC board layout requires
a dedicated ground plane layer. Also, for higher currents,
it is recommended to use a multilayer board to help with
heat sinking power components.
Figure 9. Design Example: 2.5V/10A at 250kHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RUN/SS
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
LTC1778
+
M2
Si4874
M1
Si4884
L1
1.8µH
D1
B340A
COUT1-2
180µF
4V
×2
COUT3
22µF
6.3V
X7R
CIN
10µF
35V
×3
VIN
5V TO 28V
VOUT
2.5V
10A
CSS
0.1µF
CC1
500pF
CC2
100pF
C2
6.8nF
CVCC
4.7µF
CF
0.1µF
CB
0.22µF
RC
20k
R1
14.0k
RON
1.4MΩ
R2
30.1k
RF
1Ω
DB
CMDSH-3
1778 F09
CIN: UNITED CHEMICON THCR60EIHI06ZT
COUT1-2: CORNELL DUBILIER ESRE181E04B
L1: SUMIDA CEP125-1R8MC-H
RPG
100k
R3
11k
R4
39k
• The ground plane layer should not have any traces and
it should be as close as possible to the layer with power
MOSFETs.
• Place CIN, COUT, MOSFETs, D1 and inductor all in one
compact area. It may help to have some components on
the bottom side of the board.
• Place LTC1778 chip with pins 9 to 16 facing the power
components. Keep the components connected to pins
1 to 8 close to LTC1778 (noise sensitive components).
• Use an immediate via to connect the components to
ground plane including SGND and PGND of LTC1778.
Use several bigger vias for power components.
• Use compact plane for switch node (SW) to improve
cooling of the MOSFETs and to keep EMI down.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of
power component. You can connect the copper areas to
any DC net (VIN, VOUT, GND or to any other DC rail in
your system).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com