Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4002
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 1 Page - Linear Technology

  LTC4002 Datasheet HTML 1Page - Linear Technology LTC4002 Datasheet HTML 2Page - Linear Technology LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC4065/LTC4065A
4065fb
■ Wireless PDAs
■
Cellular Phones
■
Portable Electronics
Standalone 750mA Li-Ion
Battery Charger in 2
× 2 DFN
■
Complete Linear Charger in 2mm
××××× 2mm DFN
Package
■
C/10 Charge Current Detection Output
■
Timer Termination
■
Charge Current Programmable up to 750mA with
5% Accuracy
■
No External MOSFET, Sense Resistor or Blocking
Diode Required
■
Preset 4.2V Float Voltage with 0.6% Accuracy
■
Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating
■
ACPR Pin Indicates Presence of Input Supply
(LTC4065A Only)
■
Charge Current Monitor Output for Gas Gauging
■
Automatic Recharge
■
Charges Single Cell Li-Ion Batteries Directly from
USB Port
■ 20
µA Supply Current in Shutdown Mode
■ Soft-Start Limits Inrush Current
■ Tiny 6-Lead (2mm
× 2mm) DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
VCC
R1
510
Ω
R2*
1
Ω
500mA
R3
2k
4065 TA01
4.2V
Li-Ion
BATTERY
VIN
4.3V TO 5.5V
C1
1
µF
*SERIES 1
Ω RESISTOR ONLY NEEDED FOR INDUCTIVE INPUT SUPPLIES
LTC4065
CHRG
EN
BAT
PROG
GND
The LTC
®4065 is a complete constant-current/constant-
voltage linear charger for single-cell lithium-ion batteries.
Its 2mm
×2mmDFNpackageandlowexternalcomponent
count make the LTC4065 especially well-suited for por-
table applications. Furthermore, LTC4065 is specifically
designed to work within USB power specifications.
The CHRG pin indicates when charge current has dropped
to ten percent of its programmed value (C/10). An internal
timer terminates charging according to battery manufac-
turer specifications.
No external sense resistor or blocking diode is required
due to the internal MOSFET architecture. Thermal feed-
back regulates charge current to limit the die temperature
during high power operation or high ambient temperature
conditions.
When the input supply (wall adapter or USB supply) is
removed, the LTC4065 automatically enters a low current
state, dropping battery drain current to less than 1
µA.With
power applied, LTC4065 can be put into shutdown mode,
reducing the supply current to less than 20
µA.
The full-featured LTC4065 also includes automatic re-
charge, low-battery charge conditioning (trickle charg-
ing), soft-start (to limit inrush current) and an open-drain
status pin to indicate the presence of an adequate input
voltage (LTC4065A only).
The LTC4065 is available in a tiny 6-lead, low profile
(0.75mm) 2mm
× 2mm DFN package.
Standalone Li-Ion Battery Charger
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC4002 LINER-LTC4002 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com