Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4002
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC4065/LTC4065A
4065fb
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0406 REV B • PRINTED IN THE USA
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
Battery Chargers
LTC1734
Lithium-Ion Linear Battery Charger in ThinSOT
TM
Simple ThinSOT Charger, No Blocking Diode, No Sense Resistor Needed
LTC1734L
Lithium-Ion Linear Battery Charger in ThinSOT
Low Current Version of LTC1734, 50mA
≤ ICHRG ≤ 180mA
LTC4002
Switch Mode Lithium-Ion Battery Charger
Standalone, 4.7V
≤ VIN ≤ 24V, 500kHz Frequency, 3 Hour Charge
Termination
LTC4050
Lithium-Ion Linear Battery Charger Controller
Features Preset Voltages, C/10 Charger Detection and Programmable
Timer, Input Power Good Indication, Thermistor Interface
LTC4052
Monolithic Lithium-Ion Battery Pulse Charger
No Blocking Diode or External Power FET Required,
≤1.5A Charge Current
LTC4053
USB Compatible Monolithic Li-Ion Battery Charger
Standalone Charger with Programmable Timer, Up to 1.25A Charge
Current
LTC4054
Standalone Linear Li-Ion Battery Charger
Thermal Regulation Prevents Overheating, C/10 Termination,
with Integrated Pass Transistor in ThinSOT
C/10 Indicator, Up to 800mA Charge Current
LTC4057
Lithium-Ion Linear Battery Charger
Up to 800mA Charge Current, Thermal Regulation, ThinSOT Package
LTC4058
Standalone 950mA Lithium-Ion Charger in DFN
C/10 Charge Termination, Battery Kelvin Sensing,
±7% Charge Accuracy
LTC4059
900mA Linear Lithium-Ion Battery Charger
2mm
× 2mm DFN Package, Thermal Regulation, Charge Current Monitor
Output
LTC4059A
900mA Linear Lithium-Ion Battery Charger
2mm
× 2mm DFN Package, Thermal Regulation, Charge Current Monitor
Output, ACPR Function
LTC4061
Standalone Li-Ion Charger with Thermistor Interface
4.2V,
±0.35% Float Voltage, Up to 1A Charge Current, 3mm × 3mm DFN
LTC4061-4.4
Standalone Li-Ion Charger with Thermistor Interface
4.4V (Max),
±0.4% Float Voltage, Up to 1A Charge Current,
3mm
× 3mm DFN
LTC4062
Standalone Linear Li-Ion Battery Charger with
4.2V,
±0.35% Float Voltage, Up to 1A Charge Current, 3mm × 3mm DFN
Micropower Comparator
LTC4063
Li-Ion Charger with Linear Regulator
Up to 1A Charge Current, 100mA, 125mV LDO, 3mm
× 3mm DFN
LTC4411/LTC4412
Low Loss PowerPath
TM Controller in ThinSOT
Automatic Switching Between DC Sources, Load Sharing,
Replaces ORing Diodes
Power Management
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 6V, VOUT = 0.8V, IQ = 20µA, ISD < 1µA,
DC/DC Converter
ThinSOT Package
LTC3406/LTC3406A
600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA, ISD < 1µA,
DC/DC Converter
ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA, ISD < 1µA,
DC/DC Converter
MS Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT = 2.5V, IQ = 25µA, ISD < 1µA,
DC/DC Converter
MS Package
LTC4413
Dual Ideal Diode in DFN
2-Channel Ideal Diode ORing, Low Forward ON Resistance, Low Regulated
Forward Voltage, 2.5V
≤ VIN ≤ 5.5V
ThinSOT and PowerPath are trademarks of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com