Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3413
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3602
6
3602fb
BLOCK DIAGRAM
PIN FUNCTIONS
SYNC/MODE (Pin 1/Pin 4): Mode Select and External
Clock Synchronization Input.
PGOOD (Pin 2/Pin 5): Power Good Output. Open-drain
logic output that is pulled to ground when the output volt-
age is not within ±10% of regulation point.
RT (Pin 3/Pin 6): Frequency Set Pin.
ITH (Pin 4/Pin 7): Error Amplifier Compensation Point.
VFB (Pin 5/Pin 8): Feedback Pin.
SGND (Pin 17/Pin 9, Pin 21): Signal Ground.
RUN (Pin 6/Pin 10): Run Control Input. This pin may be
tied to PVIN to enable the chip.
TRACK/SS (Pin 7/Pin 11): Tracking Input for the Controller
or Optional External Soft-Start Input. This pin allows the
start-up of VOUT to “track” the external voltage at this pin
using an external resistor divider. An external soft-start can
be programmed by connecting a capacitor between this
pin and ground. Leave this pin floating to use the internal
1ms soft-start clamp. Do not tie this pin to INTVCC or to
PVIN.
PGND (Pins 8, 9, 10/Pins 12, 13, 14, 15): Power
Ground.
SW (Pins 11, 12, 13/Pins 16, 17, 18, 19): Switch Node
Connection to the Inductor.
BOOST (Pin 14/Pin 20): Bootstrapped Supply to the Top
Side Floating Gate Driver.
PVIN (Pin 15/Pins 1,2): Power Input Supply. Decouple
this pin with a capacitor to PGND
INTVCC (Pin 16/Pin 3): Output of Internal 5V LDO.
Exposed Pad (Pin 17/Pin 21): SGND. Exposed pad is
signal ground and must be soldered to the PCB.
RUN
RT
SYNC/MODE
BOOST
ITH
INTVCC
PVIN
3602 BD
LDO
SW
SW
PGND
PGND
PGOOD
VFB
TRACK/SS
LOGIC
SLOPE
COMPENSATION
RECOVERY
VOLTAGE
REFERENCE
1ms
SOFT-START
OSILLATOR
SLOPE
COMPENSATION
PGND
SW
–
+
+
+
–
+
–
+
–
+
–
+
–
+
–
+
+
–
1μA
0.6V
0.54V
0.66V
ERROR
AMPLIFIER
BURST
COMPARATOR
OVER-CURRENT
COMPARATOR
REVERSE
COMPARATOR
MAIN
I-COMPARATOR
BCLAMP
SYNC/MODE
FE/UF Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com