Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3548 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3548
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3548 Datasheet HTML 9Page - Linear Technology LTC3548 Datasheet HTML 10Page - Linear Technology LTC3548 Datasheet HTML 11Page - Linear Technology LTC3548 Datasheet HTML 12Page - Linear Technology LTC3548 Datasheet HTML 13Page - Linear Technology LTC3548 Datasheet HTML 14Page - Linear Technology LTC3548 Datasheet HTML 15Page - Linear Technology LTC3548 Datasheet HTML 16Page - Linear Technology LTC3548 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3602
13
3602fb
APPLICATIONS INFORMATION
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses: VIN operating current and I2R losses.
The VINoperatingcurrentlossdominatestheefficiencyloss
at very low load currents whereas the I2R loss dominates
the efficiency loss at medium to high load currents.
1. The VIN operating current comprises three components:
The DC Supply Current as given in the electrical char-
acteristics, the internal MOSFET gate charge currents
and the internal topside MOSFET transition losses. The
MOSFET gate charge current results from switching the
gate capacitance of the internal power MOSFET switches.
The gates of these switches are driven from the INTVCC
supply. Each time the gate is switched from high to
low to high again, a packet of charge dQ moves from
INTVCC to ground. The resulting dQ/dt is the current
out of INTVCC that is typically larger than the DC bias
current. In continuous mode, the gate charge current
can be approximated by IGATECHG = f(9.5nC). Since the
INTVCC voltage is generated from VIN by a linear regula-
tor, the current that is internally drawn from the INTVCC
supply can be treated as VIN current for the purposes
of efficiency considerations.
Transition losses apply only to the internal topside
MOSFET and become more prominent at higher input
voltages. Transition losses can be estimated from:
Transition Loss = (1.7) VIN2 • IO(MAX) • (120pF) • f
2. I2R losses are calculated from the resistances of the
internal switches, RSW and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current:
I2R Loss = IO2(RSW + RL)
Other losses, including CIN and COUT ESR dissipative
losses and inductor core losses, generally account for
less than 2% of the total power loss.
RB
LTC3602
RA
3602 F05a
TRACK/SS
VFB
VOUT
RTB
RTA
VX
TIME
(5b) Ratiometric Tracking
VX
VOUT
TIME
3602 F05b,c
(5c) Coincident Tracking
VX
VOUT
Figure 5a. Using the TRACK/SS Pin to Track VX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com