Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4411 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4411
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology LTC4411 Datasheet HTML 9Page - Linear Technology LTC4411 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC4416/LTC4416-1

4416fa
BLOCK DIAGRA
VREF
E2
4
V2
7
–
+
VREF
E1
2
GND
3
VS
8
V1
9
–
+
A2
C2
RAIL2
RAIL1
SECOND
ANALOG
CONTROLLER
BAND-GAP
REFERENCE
IG(SRC)
IG(OFF)
IG2
8.5V
G2
H2
IG(SNK)
IGFON(SNK)
6
A1
FIRST
ANALOG
CONTROLLER
IG(SRC)
IG(OFF)
8.5V
G1
IG(SNK)
VREF
RAILBG
IGFON(SNK)
10
4416 BD
5
H1
1
EN2
EN2
EN1
EN1
EN2
EN1
C1
IG1
Operation can best be understood by referring to the
Block Diagram which illustrates the internal circuit blocks.
The LTC4416/LTC4416-1 are divided into three sections,
namely:
1. The channel 1 controller consisting of A1, C1, the “first
analog contoller,” the G1 drivers and the H1 output
driver.
2. The band-gap reference
3. The channel 2 controller consisting of A2, C2, the
“second analog controller,” the G2 drivers and the H2
output driver.
Each of the three sections has its own derived internal
power supply referred to as a rail. RAIL1 provides power
to the channel 1 controller. RAIL2 provides power to the
channel 2 controller. The internal RAILBG provides power
to the band-gap reference. The internal rail1 derives its
power from the higher voltage of V1 and VS. The internal
rail2 derives its power from the higher voltage of V2 and
VS. RAILBG derives its power from the highest voltage of
V1, V2, and VS. All three sections share a common ground
connected to the GND pin.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com