Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2907 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2907
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907 Datasheet(HTML) 4 Page - Linear Technology

  LTC2907 Datasheet HTML 1Page - Linear Technology LTC2907 Datasheet HTML 2Page - Linear Technology LTC2907 Datasheet HTML 3Page - Linear Technology LTC2907 Datasheet HTML 4Page - Linear Technology LTC2907 Datasheet HTML 5Page - Linear Technology LTC2907 Datasheet HTML 6Page - Linear Technology LTC2907 Datasheet HTML 7Page - Linear Technology LTC2907 Datasheet HTML 8Page - Linear Technology LTC2907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2903-1
29031f a
TYPICAL PERFOR A CE CHARACTERISTICS
5V Threshold Voltage
vs Temperature
TEMPERATURE (°C)
–50
4.350
4.375
4.400
4.450
4.425
4.500
4.475
–25
025
50
29031 G01
75
100
TEMPERATURE (°C)
–50
2.875
2.900
2.925
2.950
2.975
–25
025
50
29031 G02
75
100
TEMPERATURE (°C)
–50
2.250
2.235
2.220
2.205
2.190
2.175
–25
025
50
29031 G03
75
100
3.3V Threshold Voltage
vs Temperature
2.5V Threshold Voltage
vs Temperature
1.8V Threshold Voltage
vs Temperature
ADJ Threshold Voltage
vs Temperature
–5.2V Threshold Voltage
vs Temperature
TEMPERATURE (°C)
–50
1.625
1.615
1.595
1.605
1.575
1.585
1.565
–25
025
50
29031 G04
75
100
TEMPERATURE (°C)
–50
0.510
0.505
0.500
0.495
0.490
–25
025
50
29031 G05
75
100
TEMPERATURE (°C)
–50
–4.530
–4.555
–4.605
–4.580
–4.630
–4.655
–4.680
–25
025
50
29031 G06
75
100
Supply Currents
vs Temperature (LTC2903-A1)
TEMPERATURE (°C)
–50
0
5
10
15
20
IV1
IV2
IV3
30
–25
025
50
29031 G07
75
100
25
V1 = 3.3V
V2 = 2.5V
V3 = 1.8V
Supply Currents
vs Temperature (LTC2903-B1)
TEMPERATURE (°C)
–50
0
5
10
15
20
IV1
IV2
IV3
IV4
30
–25
025
50
29031 G08
75
100
25
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
Supply Currents
vs Temperature (LTC2903-C1)
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
–5
25
75
29031 G09
–25
0
50
100
IV1
IV2
IV3
IV4
V1 = 5V
V2 = 3.3V
V3 = 1.8V
V4 = –5.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com