Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4066 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4066
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 9Page - Linear Technology LTC4066 Datasheet HTML 10Page - Linear Technology LTC4066 Datasheet HTML 11Page - Linear Technology LTC4066 Datasheet HTML 12Page - Linear Technology LTC4066 Datasheet HTML 13Page - Linear Technology LTC4066 Datasheet HTML 14Page - Linear Technology LTC4066 Datasheet HTML 15Page - Linear Technology LTC4066 Datasheet HTML 16Page - Linear Technology LTC4066 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4085
13
4085fd
WALL PRESENT
SUSPEND
VIN > 3.8V
VIN > (VOUT + 100mV)
VIN > (VBAT + 100mV)
CURRENT LIMIT ENABLED
YX
X
X
X
N
XY
X
X
X
N
XX
N
X
X
N
XX
X
N
X
N
XX
X
X
N
N
NN
Y
Y
Y
Y
Table 1. Operating Modes—PowerPath States
Current Limited Input Power (IN to OUT)
Battery Charger (OUT to BAT)
WALL PRESENT
SUSPEND
VOUT > 4.35V
VOUT > (VBAT + 100mV)
CHARGER ENABLED
XX
N
X
N
XXX
N
N
X
X
YYY
Ideal Diode (BAT to OUT)
WALL PRESENT
SUSPEND
VIN
VBAT > VOUT
VBAT > 2.8V
DIODE ENABLED
XXXX
N
N
X
X
XNXN
XXXYYY
Operating Modes—Pin Currents vs Programmed Currents (Powered from IN)
PROGRAMMING
OUTPUT CURRENT
BATTERY CURRENT
INPUT CURRENT
ICL = ICHG
IOUT < ICL
IOUT = ICL = ICHG
IOUT > ICL
IBAT = ICL – IOUT
IBAT = 0
IBAT = ICL – IOUT
IIN = IQ + ICL
IIN = IQ + ICL
IIN = IQ + ICL
ICL > ICHG
IOUT < (ICL – ICHG)
IOUT > (ICL – ICHG)
IOUT = ICL
IOUT > ICL
IBAT = ICHG
IBAT = ICL – IOUT
IBAT = 0
IBAT = ICL – IOUT
IIN = IQ + ICHG + IOUT
IIN = IQ + ICL
IIN = IQ + ICL
IIN = IQ + ICL
ICL < ICHG
IOUT < ICL
IOUT > ICL
IBAT = ICL – IOUT
IBAT = ICL – IOUT
IIN = IQ + ICL
IIN = IQ + ICL
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com