Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3440 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3440
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3440 Datasheet HTML 8Page - Linear Technology LTC3440 Datasheet HTML 9Page - Linear Technology LTC3440 Datasheet HTML 10Page - Linear Technology LTC3440 Datasheet HTML 11Page - Linear Technology LTC3440 Datasheet HTML 12Page - Linear Technology LTC3440 Datasheet HTML 13Page - Linear Technology LTC3440 Datasheet HTML 14Page - Linear Technology LTC3440 Datasheet HTML 15Page - Linear Technology LTC3440 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC4065/LTC4065A
4065fb
Undervoltage Charge Current Limiting (UVCL)
The LTC4065/LTC4065A includes undervoltage charge
(
∆VUVCL1) current limiting that prevents full charge cur-
rent until the input supply voltage reaches approximately
200mV above the battery voltage. This feature is particu-
larly useful if the LTC4065 is powered from a supply with
long leads (or any relatively high output impedance).
For example, USB-powered systems tend to have highly
variable source impedances (due primarily to cable quality
and length). A transient load combined with such imped-
ance can easily trip the UVLO threshold and turn the
charger off unless undervoltage charge current limiting is
implemented.
Consider a situation where the LTC4065 is operating
under normal conditions and the input supply voltage
begins to droop (e.g., an external load drags the input
supply down). If the input voltage reaches VBAT + ∆VUVCL1
(approximately 220mV above the battery voltage),
undervoltage charge current limiting will begin to reduce
the charge current in an attempt to maintain
∆VUVCL1
between the VCC input and the BAT output of the IC. The
LTC4065 will continue to operate at the reduced charge
current until the input supply voltage is increased or
voltage mode reduces the charge current further.
Operation from Current Limited Wall Adapter
By using a current limited wall adapter as the input
supply, the LTC4065 dissipates significantly less power
when programmed for a current higher than the limit of
the supply as compared to using a non-current limited
supply at the same charge current.
Consider a situation where an application demands a
600mA charge current for an 800mAh Li-Ion battery. If a
typical 5V (non-current limited) input supply is available
then the peak power dissipation inside the part can
exceed 1W.
Now consider the same scenario, but with a 5V input
supply with a 600mA current limit. To take advantage of
the supply, it is necessary to program the LTC4065 to
charge at a current above 600mA. Assume that the LTC4065
is programmed for 650mA (i.e., RPROG = 1.54k) to ensure
that part tolerances maintain a programmed current higher
than 600mA. Since the LTC4065 will demand a charge
current higher than the current limit of the voltage supply,
the supply voltage will drop to the battery voltage plus
600mA times the “on” resistance of the internal PFET. The
“on” resistance of the LTC4065 power device is approxi-
mately 450m
Ω with a 5V supply. The actual “on” resis-
tance will be slightly higher due to the fact that the input
supply will drop to less than 5V. The power dissipated
during this phase of charging is less than 240mW. That is
a 76% improvement over the non-current limited supply
power dissipation.
USB and Wall Adapter Power
Although the LTC4065/LTC4065A allow charging from a
USB port, a wall adapter can also be used to charge Li-Ion
batteries. Figure 3 shows an example of how to combine
wall adapter and USB power inputs. A P-channel MOSFET,
MP1, is used to prevent back conducting into the USB port
when a wall adapter is present and Schottky diode, D1, is
used to prevent USB power loss through the 1k pull-down
resistor.
Typically a wall adapter can supply significantly more
current than the 500mA-limited USB port. Therefore, an
N-channel MOSFET, MN1, and an extra program resistor
are used to increase the charge current to 750mA when the
wall adapter is present.
Figure 3. Combining Wall Adapter and USB Power
VCC
MP1
MN1
1k
2k
4.02k
3
ICHG
4
6
Li-Ion
BATTERY
SYSTEM
LOAD
4065 F03
LTC4065
BAT
USB
POWER
500mA
ICHG
5V WALL
ADAPTER
750mA
ICHG
PROG
+
D1
APPLICATIO S I FOR ATIO
Stability Considerations
The LTC4065/LTC4065A contain two control loops: con-
stant-voltage and constant-current. The constant-voltage
loop is stable without any compensation when a battery is
connected with low impedance leads. Excessive lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com