Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4413
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 2Page - Linear Technology LTC4413 Datasheet HTML 3Page - Linear Technology LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC4065/LTC4065A
4065fb
TYPICAL PERFOR A CE CHARACTERISTICS
Timer Accuracy vs Temperature
Timer Accuracy vs Supply Voltage
PROG Pin Shutdown Threshold vs
Temperature (LTC4065A Only)
PROG Pin Shutdown Voltage vs
Supply Voltage (LTC4065A Only)
TEMPERATURE (
°C)
–50
–4
–3
–2
25
75
4065 G18
–5
–6
–7
–25
0
50
–1
0
1
100
VCC = 5V
SUPPLY VOLTAGE (V)
4
0
1.0
6
4065 G19
–1.0
–2.0
4.5
5
5.5
2.0
–0.5
0.5
–1.5
1.5
TA = 25°C
TEMPERATURE (
°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
4065 G20
75
100
VCC = 5V
SUPPLY VOLTAGE (V)
4
2.0
3.0
4.0
5.0
2.5
3.5
4.5
4.5
5
5.5
4065 G21
6
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com