Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1815 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1815
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology LT1815 Datasheet HTML 10Page - Linear Technology LT1815 Datasheet HTML 11Page - Linear Technology LT1815 Datasheet HTML 12Page - Linear Technology LT1815 Datasheet HTML 13Page - Linear Technology LT1815 Datasheet HTML 14Page - Linear Technology LT1815 Datasheet HTML 15Page - Linear Technology LT1815 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6400-14
13
640014fb
which is dominated by a low pass filter connected to the
VOCM pin and is aimed to reduce common mode noise
generation at the outputs. The internal common mode
feedback loop has a –3dB bandwidth around 400MHz,
allowing fast common mode rejection at the outputs of
the LTC6400-14. The VOCM pin should be tied to a DC bias
voltage with a 0.1μF bypass capacitor. When interfacing
with A/D converters such as the LTC22xx families, the VOCM
pin can be connected to the VCM pin of the ADC.
Driving A/D Converters
The LTC6400-14 has been specifically designed to inter-
face directly with high speed A/D converters. In Figure 7,
an example schematic shows the LTC6400-14 with a
single-ended input driving the LTC2208, which is a 16-bit,
130Msps ADC. Two external 4.99
Ωresistorshelpeliminate
potential resonance associated with stray capacitance of
PCB traces and bond wires of either the ADC input or the
driver output. VOCM of the LTC6400-14 is connected to VCM
of the LTC2208 VCM pin at 1.25V. Alternatively, a single-
ended input signal can be converted to a differential signal
via a balun and fed to the input of the LTC6400-14.
Figure 8 summarizes the IMD3 of the whole system in
Figure 7. Note that Figure 7 shows a direct connection
to the LTC2208, but in many applications an anti-alias
filter would be desirable to limit the wideband noise of
the amplifier. This is especially true in high performance
16-bit designs.
Test Circuits
Due to the fully-differential design of the LTC6400 and
its usefulness in applications with differing characteristic
Figure 7. Single-Ended Input to LTC6400-14 and LTC2208
Figure 8. IMD3 for the Combination of LTC6400-14 and LTC2208
APPLICATIONS INFORMATION
29Ω
66.5Ω
0.1μF
0.1μF
640014 F07
LTC6400-14
VOCM
ENABLE
IF IN
LTC2208
4.99Ω
0.1μF
LTC2208 130Msps
16-Bit ADC
1.25V
4.99Ω
14dB GAIN
AIN–
AIN+
VCM
–IN
+IN
+OUT
+OUTF
–OUTF
–OUT
FREQUENCY (MHz)
0
–40
–110
–100
–90
–80
–70
–60
–50
100
150
50
200
640014 F08
250
300
SINGLE-ENDED INPUT
fS = 122.8Msps
DRIVER VOUT = 2VP-P COMPOSITE
Top Silkscreen
specifications, two test circuits are used to generate the
information in this datasheet. Test Circuit A is DC987B,
a two-port demonstration circuit for the LTC6400 family.
The schematic and silkscreen are shown below. This
circuit includes input and output transformers (baluns)
for single-ended-to-differential conversion and impedance
transformation, allowing direct hook-up to a 2-port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com