Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1817 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1817
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817 Datasheet(HTML) 5 Page - Linear Technology

  LT1817 Datasheet HTML 1Page - Linear Technology LT1817 Datasheet HTML 2Page - Linear Technology LT1817 Datasheet HTML 3Page - Linear Technology LT1817 Datasheet HTML 4Page - Linear Technology LT1817 Datasheet HTML 5Page - Linear Technology LT1817 Datasheet HTML 6Page - Linear Technology LT1817 Datasheet HTML 7Page - Linear Technology LT1817 Datasheet HTML 8Page - Linear Technology LT1817 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6400-14
5
640014fb
AC ELECTRICAL CHARACTERISTICS Specifications are at T
A = 25°C. V
+ = 3V, V– = 0V, VOCM = 1.25V,
ENABLE = 0V, No RL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
140MHz Input Signal
HD2,140M/HD3,140M
Second/Third Order Harmonic
Distortion
2VP-P, OUT, RL = 200Ω
–78/–74
dBc
2VP-P, OUT, No RL
–81/–79
dBc
IMD3,140M
Third-Order Intermodulation
(f1 = 139.5MHz f2 = 140.5MHz)
2VP-P, OUT Composite, RL = 200Ω
–80
dBc
2VP-P, OUT Composite, No RL
–85
dBc
OIP3,140M
Third-Order Output Intercept Point
(f1 = 139.5MHz f2 = 140.5MHz)
2VP-P, OUT Composite, No RL (Notes 7)
46.5
dBm
P1dB,140M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
18.8
dBm
NF140M
Noise Figure
RL = 375Ω (Note 5)
7.7
dB
eIN,140M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√Hz
eON,140M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
12.6
nV/√Hz
240MHz Input Signal
HD2,240M/HD3,240M
Second/Third-Order Harmonic
Distortion
2VP-P, OUT, RL = 200Ω
–63/–57
dBc
2VP-P, OUT, No RL
–67/–63
dBc
IMD3, 240M
Third-Order Intermodulation
(f1 = 239.5MHz f2 = 240.5MHz)
2VP-P, OUT Composite, RL = 200Ω
–68
dBc
2VP-P, OUT Composite, No RL
–71
dBc
OIP3, 240M
Third-Order Output Intercept Point
(f1 = 239.5MHz f2 = 240.5MHz)
2VP-P, OUT Composite, No RL (Note 7)
39.6
dBm
P1dB, 240M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.9
dBm
NF240M
Noise Figure
RL = 375Ω (Note 5)
8dB
eN, 240M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√Hz
eON, 240M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
12.9
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com