Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMR1050-R22 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HMR1050-R22
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HMR1050-R22 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HMR1050-R22 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
UNIT : mm/inch
A = 10.40 / 0.409 Max.
C = 9.00 / 0.354 Max.
F = 2.50 / 0.098
G = 2.90 / 0.114
Features
SMT Power Inductor
HMR1042B, 1045, 1050, 1055 & 1075B Type
Mechanical Dimension :
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
Electrical Characteristics : At 25 : 100KHz, 1V
oC
PART NO.
Isat
(Adc)
Li
(uH)
Irms
(Adc)
D
(mm/inch)
MAX
E
(mm/inch)
H
(mm/inch)
DCR
(m )
MAX
(uH)
1
L
125
RECOMMENDED PAD PATTERNS
2
1. Tolerance of inductance is
20%.
2. Isat is the DC current which cause the inductance drop to Li.
O
3. Irms is the DC current which cause the surface temperature of the part increase less than 45 C.
OO
4. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
F
B
E
D
A
C
H
G
2.5
2.5
3
B
(mm/inch)
MAX
HMR1042B-5R5
5.50
2.800
18.00
8
6.4
4.2 / 0.165
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1045-0R4
0.40
0.320
2.00
30
20.0
4.5 / 0.177
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-R22
0.22
0.176
0.90
48
31.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-0R5
0.50
0.400
1.60
25
22.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-1R0
1.00
0.800
2.00
16
17.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-1R2
1.20
0.960
2.00
13
17.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-1R2HS
1.20
0.900
6.00
21
12.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-2R2
2.20
1.650
6.00
12
12.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1050-4R7
4.70
3.760
11.50
8
8.0
5.0 / 0.197
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1055-0R2
0.20
1.600
0.65
48
35.0
5.5 / 0.217
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1055-R56
0.56
4.480
1.20
20
25.0
5.5 / 0.217
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1055-0R7
0.70
0.560
1.60
13
22.0
5.5 / 0.217
1.8 / 0.071
5.7 / 0.224
8.5 / 0.335
HMR1055-0R8HS
0.80
0.600
4.00
21
13.5
5.5 / 0.217
1.7 / 0.669
5.6 / 0.220
8.3 / 0.327
HMR1055-1R5
1.50
1.080
4.00
15
13.5
5.5 / 0.217
1.7 / 0.669
5.6 / 0.220
8.3 / 0.327
HMR1075B-3R0
3.00
2.400
6.50
12
11.0
7.5 / 0.295
1.7 / 0.669
5.6 / 0.220
8.3 / 0.327
RoHS compliant.
Low profile, SMD type.
High current.
Magnetic shielded.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.


Similar Part No. - HMR1050-R22

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMR105B7102KV-F TAIYO-YUDEN-HMR105B7102KV-F Datasheet
417Kb / 3P
Medium-High Voltage MLCC for Automotive (POWERTRAIN, SAFETY) Applications
HMR105B7102MV-F TAIYO-YUDEN-HMR105B7102MV-F Datasheet
417Kb / 3P
Medium-High Voltage MLCC for Automotive (POWERTRAIN, SAFETY) Applications
HMR105B7103KV-F TAIYO-YUDEN-HMR105B7103KV-F Datasheet
416Kb / 3P
Medium-High Voltage MLCC for Automotive (POWERTRAIN, SAFETY) Applications
HMR105B7103MV-F TAIYO-YUDEN-HMR105B7103MV-F Datasheet
416Kb / 3P
Medium-High Voltage MLCC for Automotive (POWERTRAIN, SAFETY) Applications
HMR105B7152KV-F TAIYO-YUDEN-HMR105B7152KV-F Datasheet
417Kb / 3P
Medium-High Voltage MLCC for Automotive (POWERTRAIN, SAFETY) Applications
More results

Similar Description - HMR1050-R22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com