Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMU1055-R25 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HMU1055-R25
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HMU1055-R25 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HMU1055-R25 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
HMU1055 Type
Mechanical Dimension :
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
Electrical Characteristics : At 25 : 100KHz, 1V
oC
130
1. Tolerance of inductance is
20%..
2. Isat is the DC current which cause the inductance drop to Li.
O
3. Irms is the DC current which cause the surface temperature of the part increase less than 45 C.
OO
4. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
rms
L
(uH)
Li
(uH) MIN.
I
(Adc)
(m
) MAX.
DCR
sat
I
(Adc)
1
3
2
Features
C
H
G
F
D
D
E
A
B
8.5
2.0
11.0
2.9
3.8
2.5
UNIT : mm/inch
A = 10.40/0.409 Max.
B = 10.40/0.409 Max.
C = 5.50/0.217 Max.
D = 2.60 / 0.102
E = 5.50 / 0.217
F = 1.40 / 0.055
G = 2.90 / 0.114
H = 3.80 / 0.150
RECOMMENDED PAD PATTERNS
HMU1055-0R2
0.20
0.16
1.00
48.0
31.0
HMU1055-0R2LD
0.20
0.16
0.65
48.0
35.0
HMU1055-R25
0.25
0.20
1.00
36.0
31.0
HMU1055-0R3
0.30
0.24
1.00
30.0
31.0
HMU1055-0R4
0.40
0.32
1.30
32.0
25.0
HMU1055-R56
0.56
0.45
1.30
20.0
25.0
HMU1055-0R6
0.60
0.48
1.30
17.0
25.0
HMU1055-0R7
0.70
0.56
1.30
17.0
25.0
HMU1055-0R7HS
0.70
0.56
2.00
25.0
19.0
HMU1055-0R8
0.80
0.64
2.00
16.0
19.0
HMU1055-1R0
1.00
0.80
2.00
15.0
19.0
HMU1055-1R0HS
1.00
0.80
4.00
20.0
13.5
HMU1055-1R5
1.50
1.08
4.00
15.0
13.5
HMU1055-1R5HS
1.50
1.20 20%
6.80
22.0
11.0
HMU1055-2R2
2.20
1.65
4.80
12.0
12.5
HMU1055-2R2HS
2.20
1.76
6.80
14.0
11.0
HMU1055-2R5
2.50
2.00
4.80
7.8
12.5
HMU1055-3R0HS
3.00
2.40
9.60
12.0
8.5
HMU1055-4R7
4.70
3.76
11.00
8.0
8.0
HMU1055-5R7
5.70
4.56
11.00
5.8
8.0
RoHS compliant.
Low profile, SMD type.
High current.
Magnetic shielded.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.


Similar Part No. - HMU1055-R25

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HMU1050-0R5 DELTA-HMU1050-0R5 Datasheet
187Kb / 1P
SMT Power Inductor
HMU1050-0R6 DELTA-HMU1050-0R6 Datasheet
187Kb / 1P
SMT Power Inductor
HMU1050-1R0 DELTA-HMU1050-1R0 Datasheet
187Kb / 1P
SMT Power Inductor
HMU1050-1R5 DELTA-HMU1050-1R5 Datasheet
187Kb / 1P
SMT Power Inductor
HMU1050-1R5DL DELTA-HMU1050-1R5DL Datasheet
187Kb / 1P
SMT Power Inductor
More results

Similar Description - HMU1055-R25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com