Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMU1056L-R36 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HMU1056L-R36
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HMU1056L-R36 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HMU1056L-R36 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
E
F
D
I
G
H
A
B
8.5
2.0
11.0
2.9
3.8
2.5
Mechanical Dimension :
Features
SMT Power Inductor
HMU1056L Type
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
At 25
: 100KHz, 1V
OC
Electrical Characteristics :
UNIT : mm/inch
A = 10.40 / 0.409 Max.
B = 10.40 / 0.409 Max.
C = 5.60 / 0.220 Max.
D = 1.40 / 0.055
E = 3.80 / 0.150
F = 2.90 / 0.114
G = 2.60 / 0.102
H = 5.50 / 0.217
I = 2.60 / 0.102
PART NO.
DCR
(m )
MAX
IRATED
(Adc)
2
HMU1056L-R36
0.36
1.7
24.0
HMU1056L-0R8
0.80
2.4
16.0
HMU1056L-1R4
1.40
4.1
12.0
HMU1056L-2R2
2.20
5.3
9.6
HMU1056L-3R2
3.20
7.5
7.8
HMU1056L-4R3
4.30
10.5
6.8
HMU1056L-5R7
5.70
12.4
5.8
HMU1056L-7R2
7.20
18.0
5.3
HMU1056L-8R8
8.80
23.8
4.8
(uH)
1
L
132
RECOMMENDED PAD PATTERNS
1. Tolerance of inductance : 0.36uH
30%
0.80~8.80uH
20%
2. IRATED is the DC current which cause the inductance drop less than 35%
(20% typical) of its nominal inductance without current and the surface
O
temperature of the part increase less than 45 C.
OO
3. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
RoHS compliant.
Low profile, SMD type.
High current.
Magnetic shielded.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.


Similar Part No. - HMU1056L-R36

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HMU1056H DELTA-HMU1056H Datasheet
151Kb / 1P
SMT Power Inductor
HMU1056H-0R3 DELTA-HMU1056H-0R3 Datasheet
151Kb / 1P
SMT Power Inductor
HMU1056H-0R5 DELTA-HMU1056H-0R5 Datasheet
151Kb / 1P
SMT Power Inductor
HMU1056H-0R8 DELTA-HMU1056H-0R8 Datasheet
151Kb / 1P
SMT Power Inductor
HMU1056H-1R2 DELTA-HMU1056H-1R2 Datasheet
151Kb / 1P
SMT Power Inductor
More results

Similar Description - HMU1056L-R36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com