Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT712-R56E1 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MPT712-R56E1
Description  Mechanical dimensions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MPT712-R56E1 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MPT712-R56E1 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA P/N : MPT712-E1 Series
Mechanical dimensions
Electrical Characteristics
DCR
(mΩ)
Part No.
Lo @0A
(uH)
± 20%
Ir(Adc)
Isat(Adc)
TYP.
MAX
MPT712-R56E1
0.56
7.0
11.0
13.5
15.5
MPT712-R68E1
0.68
6.7
9.0
15.0
17.5
MPT712-R82E1
0.82
6.3
8.0
21.5
24.5
MPT712-1R0E1
1.0
6.0
7.5
25.0
29.0
MPT712-2R2E1
2.2
4.0
5.0
51.5
59.0
MPT712-3R3E1
3.3
3.0
4.0
80.0
92.0
MPT712-4R7E1
4.7
2.7
3.5
106.0
122.0
MPT712-6R8E1
6.8
2.2
2.8
185.0
210.0
MPT712-100E1
10.0
2.0
2.2
250.0
290.0
NOTES:
(1)
All test data is referenced to 25℃ ambient.
(2)
Ir is the DC current which cause the surface temperature of the part increse approximate 40℃
(3)
Isat is the DC current which cause the inductance drop approximate 30% of Lo.
(4)
Operating temperature range -55℃ to 125℃. (The part temperature should be keepped under 125℃
when the worse operating condition apply on it. Circuit design, component placement,
PWB tracesize and thickness, airflow and other cooling provision may affect the part temperature.
Part temperature should be verified in the end application.)
(5)
The rated current is depended on Ir and Isat which one is lower.
Unit : mm
A’
6.95
± 0.35
A
6.6
± 0.2
B
1.0
± 0.2
C
1.6
± 0.3
C’
2.0
± 0.1
D
3.0
± 0.3
D’
3.6
± 0.2
E
0~0.15
F
3.5
G
3.7
H
8.4


Similar Part No. - MPT712-R56E1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MPT715-100E1 DELTA-MPT715-100E1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT715-1R0E1 DELTA-MPT715-1R0E1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT715-1R2E1 DELTA-MPT715-1R2E1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT715-2R2E1 DELTA-MPT715-2R2E1 Datasheet
52Kb / 1P
Mechanical dimensions
MPT715-3R3E1 DELTA-MPT715-3R3E1 Datasheet
52Kb / 1P
Mechanical dimensions
More results

Similar Description - MPT712-R56E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSSOP-20 ETC2-TSSOP-20 Datasheet
56Kb / 2P
Mechanical Dimensions
logo
Delta Electronics, Inc.
HCB1175-121 DELTA-HCB1175-121 Datasheet
55Kb / 1P
Mechanical dimensions
HCB1275-231 DELTA-HCB1275-231 Datasheet
24Kb / 1P
Mechanical dimensions
HCB106480N-101 DELTA-HCB106480N-101 Datasheet
132Kb / 2P
Mechanical dimensions
HCB117555-121 DELTA-HCB117555-121 Datasheet
53Kb / 1P
Mechanical dimensions
HCB118050-221 DELTA-HCB118050-221 Datasheet
53Kb / 1P
Mechanical dimensions
HCB137590-231 DELTA-HCB137590-231 Datasheet
54Kb / 1P
Mechanical dimensions
HMS0864B DELTA-HMS0864B Datasheet
57Kb / 1P
Mechanical dimensions
MPT1030-R24H1 DELTA-MPT1030-R24H1 Datasheet
53Kb / 1P
Mechanical dimensions
PCMB177T-1R5MS DELTA-PCMB177T-1R5MS Datasheet
52Kb / 1P
Mechanical dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com