Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDT749 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZDT749
Description  SM-8 DUAL PNP MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZDT749 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZDT749 Datasheet HTML 1Page - Diodes Incorporated ZDT749 Datasheet HTML 2Page - Diodes Incorporated ZDT749 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO -35
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO -25
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA, IC=0
Collector Cutoff
Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-30V
VCB=-30V,Tamb=100°C
Emitter Cutoff Current IEBO
-0.1
µ
A
VEB=-4V, IE=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.12
-0.23
-0.3
-0.5
V
V
IC=1A, IB=-100mA*
IC=2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
-1.25
V
IC=1A, IB=-100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-0.8
-1
V
IC=-1A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
70
100
75
15
200
200
150
50
300
IC=-50mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-6A, VCE=-2V*
Transition Frequency
fT
100
160
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
55
100
pF
VCB=-10V f=1MHz
Switching Times
ton
40
ns
IC=-500mA, VCC=-10V
IB1=IB2=-50mA
toff
450
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZDT749
ZDT749
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC -
Collector Current (Amps)
VBE(on) v IC
40
80
120
160
200
Switching Speeds
IC -
Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
0.001
1
0.01
0.1
ts
ns
600
200
1000
1200
td
tr
tf
ns
80
40
120
160
0
140
100
60
20
VCE=2V
IC/IB=10
VCE=2V
VCE=-10V
0.6
1.0
1.2
0.8
0.4
0.6
1.0
1.2
0.8
0.4
0.2
0.6
1.0
0.8
0.4
IC/IB=100
IC/IB=10
0.001
1
0.01
0.1
10
IC/IB=100
0.001
1
0.01
0.1
10
0
1.2
1.6
1.8
1.4
0.001
1
0.01
0.1
10
10
3 - 353
3 - 352



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com