Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160-DF Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95160-DF
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-DF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95160-DF Datasheet HTML 23Page - STMicroelectronics M95160-DF Datasheet HTML 24Page - STMicroelectronics M95160-DF Datasheet HTML 25Page - STMicroelectronics M95160-DF Datasheet HTML 26Page - STMicroelectronics M95160-DF Datasheet HTML 27Page - STMicroelectronics M95160-DF Datasheet HTML 28Page - STMicroelectronics M95160-DF Datasheet HTML 29Page - STMicroelectronics M95160-DF Datasheet HTML 30Page - STMicroelectronics M95160-DF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
DocID022580 Rev 4
27/47
M95160 M95160-W M95160-R M95160-DF
Instructions
46
6.8
Write Identification Page (available only in M95160-D
devices)
The Write Identification Page (WRID) instruction is used to write the Identification Page
(additional page of 32 bytes which can also be permanently locked in Read-only mode).
The Chip Select signal (S) is first driven low, and then the bits of the instruction byte,
address bytes, and at least one data byte are shifted in (MSB first) on Serial Data input (D).
Address bit A10 must be 0, other upper address bits are Don't Care (it might be easier to
define these bits as 0, as shown in Table 4). The lower address bits [A4:A0] define the byte
address inside the identification page.
The self-timed Write cycle starts from the rising edge of Chip Select (S), and continues for a
period tW (as specified in Section 9: DC and AC parameters).
Figure 16. Write identification page sequence
The instruction is discarded, and is not executed, under the following conditions:
•
If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before).
•
If a Write cycle is already in progress.
•
If the device has not been deselected, by driving high Chip Select (S), at exactly a byte
boundary (after the eighth bit, b0, of the last data byte that has been latched in).
C
D
Ai15967
S
Q
15
2
1
3
4
5
6
7
8
9 10
20 21 22 23 24 25 26 27
14 13
3
2
1
0
28 29 30
High impedance
Instruction
16-bit address
0
765432
0
1
Data byte
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com