Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18NF25 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB18NF25
Description  N-channel 250 V, 0.14 廓, 17 A low gate charge STripFET??II Power MOSFET in D2PAK and DPAK packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NF25 Datasheet(HTML) 4 Page - STMicroelectronics

  STB18NF25 Datasheet HTML 1Page - STMicroelectronics STB18NF25 Datasheet HTML 2Page - STMicroelectronics STB18NF25 Datasheet HTML 3Page - STMicroelectronics STB18NF25 Datasheet HTML 4Page - STMicroelectronics STB18NF25 Datasheet HTML 5Page - STMicroelectronics STB18NF25 Datasheet HTML 6Page - STMicroelectronics STB18NF25 Datasheet HTML 7Page - STMicroelectronics STB18NF25 Datasheet HTML 8Page - STMicroelectronics STB18NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STB18NF25, STD18NF25
4/18
Doc ID 16785 Rev 3
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 1 mA
250
V
IDSS
Zero gate voltage drain
current
VGS= 0, VDS = 250 V,
1
µA
VGS= 0
VDS = 250 V,Tc=125 °C
10
µA
IGSS
Gate body leakage current
VDS = 0, VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 8.5 A
0.14
0.165
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID = 8.5 A
-
14
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
-
1000
178
28
-
pF
pF
pF
Co(tr)
Equivalent capacitance time
related
VDS = 0 to 200 V, VGS=0
-
106
-
pF
Co(er)
Equivalent capacitance
energy related
-79
-
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 200 V, ID = 17 A
VGS =10 V (see Figure 17)
-
29.5
4.8
15.6
-
nC
nC
nC
RG
Gate input resistance
f=1 MHz gate DC bias=0 test
signal level=20 mV open
drain
-2
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com