Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI15N65M5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STFI15N65M5
Description  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N65M5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STFI15N65M5 Datasheet HTML 8Page - STMicroelectronics STFI15N65M5 Datasheet HTML 9Page - STMicroelectronics STFI15N65M5 Datasheet HTML 10Page - STMicroelectronics STFI15N65M5 Datasheet HTML 11Page - STMicroelectronics STFI15N65M5 Datasheet HTML 12Page - STMicroelectronics STFI15N65M5 Datasheet HTML 13Page - STMicroelectronics STFI15N65M5 Datasheet HTML 14Page - STMicroelectronics STFI15N65M5 Datasheet HTML 15Page - STMicroelectronics STFI15N65M5 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
STF15N65M5, STFI15N65M5, STP15N65M5
12/17
Doc ID 022863 Rev 2
Figure 23.
TO-220FP drawing
7012510_Rev_K_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com