Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-4-R020F Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL0816-4-R020F
Description  1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL0816-4-R020F Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL0816-4-R020F Datasheet HTML 1Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 2Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 3Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 4Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 5Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 6Page - Delta Electronics, Inc. RL0816-4-R020F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR240000NH
REVISION
: A0
PAGE
: 1 OF 7
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
1. Scope
This specification applies to 0.8mm x 1.6mm size 1/2W, fixed metal film chip resistors rectangular type
for use in electronic equipment.
2. Type Designation
RL 0816 — 4
□□□□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) Power rating
4 = 1/2W
(3) Resistance value:
For example—
R010 = 0.01
(4) Resistance tolerance:
F=
± 1%
G=
± 2%
J =
± 5%
3. Construction and Physical Dimensions
Figure 1.
Structure (No mark)
Code Letter
Dimensions (mm)
L
1.6
± 0.2
W
0.8
± 0.2
t
0.4
± 0.15
a
0.35
± 0.15
b
0.35
± 0.15
NOTE:
① Resistive element
( under protection film )
② Electrode
③ Protection film
④ Substrate
b
L
W
b
t


Similar Part No. - RL0816-4-R020F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL0816-1R0F DAESAN-RL0816-1R0F Datasheet
183Kb / 11P
1/8W 0816 LOW RESISTNACE CHIP RESISTOR
RL0816-1R0G DAESAN-RL0816-1R0G Datasheet
183Kb / 11P
1/8W 0816 LOW RESISTNACE CHIP RESISTOR
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-F-R010G DAESAN-RL0816-F-R010G Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-F-R010J DAESAN-RL0816-F-R010J Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0816-4-R020F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT0816-C-R050F DELTA-RLT0816-C-R050F Datasheet
98Kb / 9P
1/10W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0816-3-R100F DELTA-RLT0816-3-R100F Datasheet
131Kb / 9P
1/4W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0816-2-R100F DELTA-RLT0816-2-R100F Datasheet
137Kb / 9P
1/8W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632W-4-R001F DAESAN-RL1632W-4-R001F Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com