Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33897CTEF/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33897CTEF/R2
Description  Single Wire CAN Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33897CTEF/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33897CTEF/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33897CTEF/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33897
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125 °C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
Normal Speed Rising Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 μs ≤ Load Time Constants ≤ 4.0 μs
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Min Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Max Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(10)
Min Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(10)
tDLYNORMRO
2.0
–
6.3
μs
Normal Speed Falling Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 μs ≤ Load Time Constants ≤ 4.0 μs
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Min Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(10)
Max Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(10)
Min Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(10)
tDLYNORMFO
1.8
–
8.5
μs
High Speed Rising Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 μs ≤ Load Time Constants ≤ 1.5 μs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUS = 3.7 V
(11)
Min Time to VBUS = 1.0 V
(11)
tDLYHSRO
0.1
–
1.7
μs
High Speed Falling Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 μs ≤ Load Time Constants ≤ 1.5 μs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUS = 1.0 V
(11)
Min Time to VBUS = 3.7 V
(11)
tDLYHSFO
0.04
–
3.0
μs
Notes
10.
VBUSMOD is the voltage at the BUSMOD node in Figure 6, page 13.
11.
VBUS is the voltage at the BUS pin in Figure 7, page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com