Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17C724EP/R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC17C724EP/R2
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724EP/R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC17C724EP/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17C724EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17C724
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 3.0V, unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT
Pulse Input Frequency
fIN
–
–
200
kHz
Input Pulse Rise Time (15)
tR
–
–
1.0
(16)
µs
Input Pulse Fall Time (17)
tF
–
–
1.0
(16)
µs
OUTPUT
Output Propagation Delay Time (18)
Turn-ON Time
Turn-OFF Time
tPLH
tPHL
–
–
0.2
0.1
0.5
0.5
µs
Low-Voltage Detection Time
tV
DDDET
–
0.02
1.0
ms
Notes
15.
Time is defined between 10% and 90%.
16.
That is, the input waveform slope must be steeper than this.
17.
Time is defined between 90% and 10%.
18.
RL = 6.8 Ω. Slew time, rise time, and fall times are between 10% and 90% of output low and high levels with respect to the 50% level of
the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com