Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323CVRAFDCA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8323CVRAFDCA
Description  PowerQUICC II Pro Integrated Communications Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323CVRAFDCA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8323CVRAFDCA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323CVRAFDCA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
10
Freescale Semiconductor
Clock Input Timing
NOTE
AVDDn (1.0 V) is estimated to consume 0.05 W (under normal operating
conditions and ambient temperature).
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8323E.
NOTE
The rise/fall time on QUICC Engine input pins should not exceed 5 ns. This
should be enforced especially on clock signals. Rise time refers to signal
transitions from 10% to 90% of VCC; fall time refers to transitions from
90% to 10% of VCC.
4.1
DC Electrical Characteristics
Table 7 provides the clock input (CLKIN/PCI_SYNC_IN) DC timing specifications for the MPC8323E.
Local bus I/O
load = 25 pF
1 pair of clocks
66 MHz, 32 bits
—
—
0.12
W
—
PCI I/O load = 30 pF
66 MHz, 32 bits
—
—
0.057
W
—
QUICC Engine block and
other I/Os
UTOPIA 8-bit 31 PHYs
—
—
0.041
W
Multiply by
number of
interfaces used.
TDM serial
—
—
0.001
W
TDM nibble
—
—
0.004
W
HDLC/TRAN serial
—
—
0.003
W
HDLC/TRAN nibble
—
—
0.025
W
DUART
—
—
0.017
W
MIIs
—
—
0.009
W
RMII
—
—
0.009
W
Ethernet management
—
—
0.002
W
USB
—
—
0.001
W
SPI
—
—
0.001
W
Timer output
—
—
0.002
W
Table 7. CLKIN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.7
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
Table 6. Estimated Typical I/O Power Dissipation (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com