Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC826XAVV Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC826XAVV
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XAVV Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC826XAVV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC826XAVV Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0
12
Freescale Semiconductor
Electrical and Thermal Characteristics
2.2
Thermal Characteristics
Table 4 describes thermal characteristics.
2.3
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (PD x θJA)
(1)
where
TA = ambient temperature °C
θ
JA = package thermal resistance, junction to ambient, °C/W
PD = PINT + PI/O
PINT = IDD x VDD Watts (chip internal power)
PI/O = power dissipation on input and output pins (determined by user)
For most applications PI/O < 0.3 x PINT. If PI/O is neglected, an approximate relationship between PD and
TJ is the following:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD x (TA + 273° C) + θJA x PD
2
(3)
2 The leakage current is measured for nominal VDD, VCCSYN, and VDD.
3 MPC8265 and MPC8266 only.
Table 4. Thermal Characteristics for 480 TBGA Package
Characteristics
Symbol
Value
Unit
Air Flow
Junction to ambient
θJA
131
1 Assumes a single layer board with no thermal vias
°C/W
NC2
2 Natural convection
101
1 m/s
113
3 Assumes a four layer board
NC
83
1 m/s
Junction to board4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
θJB
4
°C/W
—
Junction to case5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
θJC
1.1
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com