Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R10G Datasheet(PDF) 10 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R10G
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R10G Datasheet(HTML) 10 Page - DAESAN ELECTRONIC CORP.

Back Button RL0816-R10G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 10Page - DAESAN ELECTRONIC CORP. RL0816-R10G Datasheet HTML 11Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 10 OF 11
6. Packaging
6-1 Dimensions
6-1-1 Tape packaging dimensions
※Pre.emptied holes:75 holes (or 30cm) or more
Code Letter
A
B
Unit : mm
Dimension
1.1
± 0.1
1.9
± 0.1
6-1-2 Reel Dimensions
B
1.5
0.1
0.0
Sprocket hole
Carries cavity
2.0 ± 0.05
A
0.65 ± 0.1
0.6 ± 0.05
4.0 ± 0.1
4.0 ± 0.1
8.0 ± 0.3
1.75 ± 0.1
Pull Direction
3.5 ± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com