Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R022G Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R022G
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R022G Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  RL0816-R022G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R022G Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 2 OF 11
3. Construction and Physical Dimensions
Figure 1-1. Double sides structure (
≤ 0.091Ω )
Figure 1-2. Single side structure (
> 0.091Ω )
Dimensions (mm)
Code
Letter
Double sides
Structure
Single side
Structure
L
1.60
± 0.10
1.60
± 0.10
W
0.80
± 0.10
0.80
± 0.10
t
0.50
± 0.10
0.45
± 0.10
a
0.20
± 0.15
0.20
± 0.15
b
0.20
± 0.15
0.20
± 0.15
Note :
Resistive clement
Nickel alloy film
Electrode
plating
Sn 100% ( Lead free)
Protective coat
Epoxy Resin coating
Substrate
Alumina ceramic
mass : 2mg (ref.)
b
b
t
L
a
W
a
b
b
t
a
W
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com