Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1005-1-R100J Datasheet(PDF) 7 Page - DAESAN ELECTRONIC CORP.

Part # RL1005-1-R100J
Description  1/16W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1005-1-R100J Datasheet(HTML) 7 Page - DAESAN ELECTRONIC CORP.

  RL1005-1-R100J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1005-1-R100J Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR110000NH
REVISION
: A2
PAGE
: 7 OF 8
6. Packaging
6-1 Dimensions
6-1-1 Tape packaging dimensions
※ Pre-emptied holes : 150 holes (or 30cm) or more.
Code letter
a
b
Unit : mm
Dimension
0.68
± 0.05 1.18 ± 0.05
6-1-2 Reel Dimensions (Plastic reel : Correspond with EIAJ RRV08B)
Label
105 x 50
13 ± 0.2
28 ± 0.8
9 ± 0.3
13 ± 1.4
180
+0
-3
R1
2
105
Unit : mm
1.5
0.1
0.0
Carrier cavity
Sprocket hole
CHIP
1.75 ±0.1
8.0 ± 0.3
3.5 ± 0.05
0.42 ± 0.05
0.48 ± 0.1
2.0 ± 0.05
4.0 ± 0.1
Pull Direction
4.0 ± 0.1
B
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com