Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220-F-R020F Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL1220-F-R020F
Description  1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1220-F-R020F Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL1220-F-R020F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1220-F-R020F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOCUMENT
: SR3F0000NH
REVISION
: A0
PAGE
: 1 OF 8
SPECIFICATION FOR APPROVAL
1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
1. Scope
This specification applies to 1.2mm x 2.0mm size 1/3W, fixed metal film chip resistors rectangular type
for use in electronic equipment.
2. Type Designation
RL1220
F
□□□□ —
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) Power rating
F = 1/3W
(3) Resistance value:
For example—
R010 = 0.010
Ω
(4) Resistance tolerance:
F=
± 1%
G=
± 2%
J=
± 5%
3. Construction and Physical Dimensions
Code Letter
Dimensions (mm)
L
2.00
± 0.20
W
1.25
± 0.20
t
0.40
± 0.20
a
0.40
± 0.20
b
0.40
± 0.20
NOTE:
① Resistive element
( under protection film )
② Electrode
③ Protection film
④ Substrate
Figure 1.
Structure (No mark)
b
L
a
W
a
b
 
 
 
 
t


Similar Part No. - RL1220-F-R020F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4-R010G DAESAN-RL1220-4-R010G Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4-R010J DAESAN-RL1220-4-R010J Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010G DAESAN-RL1220-4S-R010G Datasheet
187Kb / 8P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL1220-F-R020F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-F-R005F DELTA-RLW2012-F-R005F Datasheet
140Kb / 7P
1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1220-3-R050F DELTA-RLT1220-3-R050F Datasheet
102Kb / 9P
1/4W, 0805, Low Resistance Chip Resistor (Lead / Halogen Free)
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com