Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220-F-R030F Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # RL1220-F-R030F
Description  1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1220-F-R030F Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  RL1220-F-R030F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1220-F-R030F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DOCUMENT
: SR3F0000NH
REVISION
: A0
PAGE
: 5 OF 8
SPECIFICATION FOR APPROVAL
Mounting Method
(1) Mounting method according to solder bath method
Epoxy based adhesive agent shall be applied in the middle of two lands of the test board.
The specimen shall be mounted in such a way that the electrode of specimen will be evenly
placed in the land area and then adhesive agent shall be cured.
After applying the Resin Flux with 25 weight % Methyl Alcohol, the board shall be soldered by
dipping into a molten solder bath with 260
± 5℃ for 3 to 5 seconds
(2) Mounting method according to refolw soldering method
Solder paste with approximate 200
μm thickness shall be applied to the land of test board.
The specimen shall be mounted in such way that the electrodes of specimen will be evenly placed
in the land area and then shall be soldered under the circumstance that the surface temperature of
the board shall be raised 240
± 5℃(peak temperature) for 5 to 10 seconds in an upper-heater
oven.
Test Board
Material : Glass Fabric Epoxy Resin (Refer to JIS C 6484)
Board thickness : 1.6mm
Copper foil thickness : 0.035mm
(1) Test board A (For substrate bending test)
Unit : mm
100
a
f
b
4.5
Land
Solder resist
a
b
c
f
1.2
4.0
1.65
(3.0)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com