Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHD13005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHD13005
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHD13005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHD13005 Datasheet HTML 1Page - NXP Semiconductors PHD13005 Datasheet HTML 2Page - NXP Semiconductors PHD13005 Datasheet HTML 3Page - NXP Semiconductors PHD13005 Datasheet HTML 4Page - NXP Semiconductors PHD13005 Datasheet HTML 5Page - NXP Semiconductors PHD13005 Datasheet HTML 6Page - NXP Semiconductors PHD13005 Datasheet HTML 7Page - NXP Semiconductors PHD13005 Datasheet HTML 8Page - NXP Semiconductors PHD13005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PHD13005
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 29 July 2010
2 of 14
NXP Semiconductors
PHD13005
NPN power transistor with integrated diode
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
SOT78 (TO-220AB)
2
C
collector
3E
emitter
mb
C
mounting base; connected to
collector
12
mb
3
sym131
C
E
B
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PHD13005
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting
hole; 3-lead TO-220AB
SOT78
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak voltage
VBE = 0 V
-
700
V
VCBO
collector-base voltage
IE = 0 A
-
700
V
VCEO
collector-emitter voltage
IB = 0 A
-
400
V
IC
collector current
DC; see Figure 1; see Figure 2; see Figure 4
-4
A
ICM
peak collector current
see Figure 4; see Figure 1; see Figure 2
-8
A
IB
base current
DC
-
2
A
IBM
peak base current
-
4
A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Figure 3
-75
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com