Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2RF-08-E Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2RF-08-E
Description  Slim and Space-saving Power Plug-in Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF-08-E Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2RF-08-E Datasheet HTML 1Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 2Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 3Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 4Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 5Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 6Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 7Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 8Page - Omron Electronics LLC P2RF-08-E Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
G2R-
@-S
Accessories (Order Separately)
Connecting Sockets
Note: Use of the P2CM Clip & Release Lever is recommended to ensure stable mounting.
Accessories for Screwless Clamp Terminal Socket (Option)
Mounting Tracks
* Used to mount several P2R-05A and P2R-08A Connecting Sockets side by side.
Specifications
Coil Ratings
* The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of ±10%.
Applicable Relay model
Track/surface-mounting Socket
Back-mounting Socket
Screwless clamp terminal
Screw terminal
Terminals
Model
1 pole
G2R-1-S(N)(D)(ND)(NI)(NDI)
• P2RF-05S (See note.)
+
(P2CM-S (option))
• P2RF-05-E
• P2RF-05
PCB terminals
P2R-05P, P2R-057P
Solder terminals
P2R-05A
2 poles
G2R-2-S(N)(D)(ND)(NI)(NDI)
• P2RF-08S (See note.)
+
(P2CM-S (option))
• P2RF-08-E
• P2RF-08
PCB terminals
P2R-08P, P2R-087P
Solder terminals
P2R-08A
Name
Model
Clip & Release Lever
P2CM-S
Nameplate
R99-11 Nameplate for MY
Socket Bridge
P2RM-SR (for AC), P2RM-SB (for DC)
Applicable Socket
Description
Model
Track-connecting Socket
Mounting track
50 cm (
l) x 7.3 mm (t): PFP-50N
1 m (
l) x 7.3 mm (t): PFP-100N
1 m (
l) x 16 mm (t): PFP-100N2
End plate
PFP-M
Spacer
PFP-S
Back-connecting Socket
Mounting plate
P2R-P*
Rated voltage
Rated current*
Coil
resistance*
Coil inductance (H)
(ref. value)
Must
operate
voltage
Must
release
voltage
Max.
voltage
Power
consumption
(approx.)
50 Hz
60 Hz
Armature
OFF
Armature
ON
% of rated voltage
AC
24 V
43.5 mA
37.4 mA
253
Ω
0.81
1.55
80% max.
30% max.
110%
0.9 VA at 60 Hz
110 V
9.5 mA
8.2 mA
5,566
Ω
13.33
26.83
120 V
8.6 mA
7.5 mA
7,286
Ω
16.13
32.46
230 V
4.4 mA
3.8 mA
27,172
Ω
72.68
143.90
240 V
3.7 mA
3.2 mA
30,360
Ω
90.58
182.34
Rated voltage
Rated current*
Coil
resistance*
Coil inductance (H)
(ref. value)
Must
operate
voltage
Must
release
voltage
Max.
voltage
Power
consumption
(approx.)
Armature
OFF
Armature
ON
% of rated voltage
DC
6 V
87.0 mA
69
Ω
0.25
0.48
70% max.
15% min.
110%
0.53 W
12 V
43.2 mA
278
Ω
0.98
2.35
24 V
21.6 mA
1,113
Ω
3.60
8.25
48 V
11.4 mA
4,220
Ω
15.2
29.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com