Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS461R Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # SS461R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461R Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  SS461R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
sensing.honeywell.com
5
2SS52M Series
SS552MT
VF401
APS00B
Description
omnipolar magnetoresistive
digital sensor IC
omnipolar magnetoresistive
digital sensor IC
2-wire MR fine-pitch ring
magnet sensor IC
high resolution magnetic
displacement sensor IC
Magnetic actuation type
omnipolar
omnipolar
differential bridge
analog, saturated mode
Package material and style
plastic radial leads
flat TO-92-style)
plastic surface mount
(SOT-89)
plastic flat TO-92-style
plastic surface mount
(8 pin SOIC)
Supply voltage range
3.8 Vdc to 30 Vdc
3.8 Vdc to 30 Vdc
4.5 Vdc to 16 Vdc
1 Vdc to 12 Vdc
Supply current
11 mA max.
11 mA max.
Icc operate: 16.8 mA max.
Icc release: 8.4 mA max.
7 mA max.
Output type
digital sinking
digital sinking
digital current source
dual analog voltages
responding to changes in
magnetic field angle
Operating temperature range
-40 °C to 150 °C
[-40 to 302 °F]
-40 °C to 150 °C
[-40 to 302 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
Magnetoresistive
sensor Ics
91SS Series
SS490/SS491B Series
SS39ET/SS49E/
SS59ET Series
SS94 Series
Description
Hall-effect linear sensor IC
Hall-effect linear sensor IC
Hall-effect linear sensor IC
Hall-effect linear sensor IC
Magnetic actuation type
linear
linear
linear
linear
Package material and style
ceramic SIP, ceramic with
solder bumps
SS490: plastic radial
lead, plastic surface pack,
ammopack styles T2 and T3
SS491B: plastic radial lead
SS39ET: plastic surface mount
(SOT-23)
SS49E: plastic radial lead
(flat TO-92-style))
SS59ET: plastic surface mount
(SOT-89)
ceramic SIP, ceramic with
solder bumps
Supply voltage range
8 Vdc to 16 Vdc
4.5 Vdc to 10.5 Vdc
2.7 Vdc to 6.5 Vdc
4.5 Vdc to 12.6 Vdc
Supply current
19 mA max.
10 mA
10 mA max.
30 mA max.
Output type
ratiometric sourcing
ratiometric sinking or
sourcing
ratiometric sourcing
ratiometric sinking or
sourcing
Operating temperature range
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 100 °C
[-40 °F to 212 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
hall-effect sensor
Ics - linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com