Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS440R Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # SS440R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS440R Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button SS440R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 11Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 12Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 13Page - Honeywell Solid State Electronics Center SS440R Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
sensing.honeywell.com
13
level magnetic switching reduces stray field
interference. No mechanical contacts often
eliminates product wear. Environmentally
sealed plastic package provides enhanced
accuracy and repeatability in environments
in which dirt, dust, or stray IR light might
affect performance of optical solutions.
Potential applications include position and
speed sensing in fitness and information
technology, as well as in moderate electrical,
chemical, and mechanical environments.
SR3 Series.
Features:
Unipolar, bipolar magnetics
• Sinking output • Frequencies exceeding
100 kHz
Benefits:
Plastic housing for position
and RPM sensing in potential corrosive
applications such as food and beverage,
chemical plants, and refineries.
SR4 Series.
Features:
Magnetoresistive • Omnipolar
magnetics • Sinking output
Benefits:
Magnetoresistive technology
allows longer sensing distance at lower
gauss than Hall effect. Plastic housing
for position and RPM sensing in potential
corrosive applications such as food and
beverage, chemical plants, and refineries.
SPEED AnD DIREcTIon SEnSoRS
1GT Series.
Features:
Enhanced operating speed
• Reverse polarity and transient protection
• EMI resistant • Wide continuous
operating temperature range • Probe-
style package • Enhanced low speed
performance • Output amplitude not
dependent on RPM
Benefits:
Sealed in probe-style package
for physical protection and cost-effective
installation. Sensor electronically self-
adjusts to slight variations in runout and
temperature, simplifying installation and
maintenance. Circuit senses movement
of targets in potential applications such
as camshaft and crankshaft speed
and position, transmission speed, and
tachometer, as well as anti-skid and
traction control.
LcZ Series.
Features:
Stainless steel package • Low
cost • Omni-directional sensor to target
orientation • Low power consumption
• Small size • Zero speed • Digital output
• Durable, cost-effective sensing solution
• Screw-in package style
Benefits:
Available in several diameters
and lengths for application flexibility.
Stainless steel package simple to install/
adjust and does not require rotational
orientation. Potential applications include
harsh environment rotary applications
such as pumps, rollers, mixers, fan speed
measurement, transmission, spindles,
gear reducer RPM, synchronization,
compressor speed, and dyno testing,
as well as industrial process control and
factory automation.
SnDh-T Series.
Features:
Advanced performance
dynamic offset self calibration • Short
circuit and reverse voltage protection
• Air gap up to 2 mm [0.08 in] • Low jitter
output • Near-zero speed • EMI hardened
• High frequency switching capability
• Multiple connector options includes wire
harness and integral connector versions
using AMP super seal or AMP Jr.
• Probe-style package • Integrated circuit
packaging provides output phase shift
tolerancing with enhanced accuracy
Benefits:
Provides speed and direction
information using quadrature output with
signals 90 degree phase shifted from each
other. BiCMOS Hall-effect technology,
using advanced digital signal processing
for dynamic off-set cancellation, provides
enhanced air gap performance and phase
shift accuracy over most conditions.
Package design includes O-ring seal for
potential pressure applications and a
fixed mounting flange. Robust, automotive
under-the-hood grade packaging for most
environmental conditions as well as EMI
hardened. Used in potential applications
where high resolution is required at wide
frequency ranges and large air gaps.
SnDh-h Series.
Features:
Hall-effect magnetic sensing
technology • Digital current sinking output
(open collector) • Advanced performance
dynamic offset self-calibration • Air gap
up to 2,5 mm [0.098 in] • Zero speed
versions • High frequency switching
capability (0 Hz to 15 kHz) • -40 ºC
to 150 ºC [-40 °F to 302 °F] operating
temperature capability • Multiple
connector options • O-ring seal
Benefits:
Use a magnetically biased
Hall-effect integrated circuit to accurately
sense movement of ferrous metal targets.
The specially designed IC (integrated
circuit) and a permanent magnet are
sealed in rugged, probe-type packages.
The flux density of the permanent magnet
alters when approached by ferrous metal
and is detected by the Hall ICs. If the
sensor is positioned at the circumference
of a revolving gear wheel, for example,
it detects the teeth and tooth spaces,
supplying a digital pulse output with
frequency proportional to gear wheel
speed. Potential applications include
tachometers/counters, speed of gears and
shafts in transmissions, hydraulic motors,
pumps, and gear boxes flow meters/
turbines, and engine RPM.
Zh10.
Features:
Aluminum package • Low
cost • Omni-directional sensor to target
orientation • Low power consumption
• Small size • Zero speed • Digital output
• Durable, cost-effective sensing solution
• Screw-in package style
Benefits:
Aluminum package simple
to install/adjust and does not require
rotational orientation. Potential
applications include harsh environment
rotary applications such as pumps,
rollers, mixers, fan speed measurement,
transmission, spindles, gear reducer RPM,
synchronization, compressor speed, and
dyno testing, as well as industrial process
control and factory automation.
GTn Series.
Features:
Choice of barrel lengths
• Integrated electronic diagnostics
• Enhanced operating speed • EMI
resistant • Reverse polarity and transient
protection • Wide continuous operating
temperature range • Probe-style package
• Enhanced low speed performance
• Output amplitude not dependent on RPM
Benefits:
Sealed in probe-style package
for physical protection and cost-effective
installation. Sensor electronically self-
adjusts to slight variations in runout and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com