Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 313 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 313 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 312Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 315Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 316Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 311
PIC18F2525/2620/4525/4620
CALLW
Subroutine Call Using WREG
Syntax:
CALLW
Operands:
None
Operation:
(PC + 2)
→ TOS,
(W)
→ PCL,
(PCLATH)
→ PCH,
(PCLATU)
→ PCU
Status Affected:
None
Encoding:
0000
0000
0001
0100
Description
First, the return address (PC + 2) is
pushed onto the return stack. Next, the
contents of W are written to PCL; the
existing value is discarded. Then, the
contents of PCLATH and PCLATU are
latched into PCH and PCU,
respectively. The second cycle is
executed as a NOP instruction while the
new next instruction is fetched.
Unlike CALL, there is no option to
update W, STATUS or BSR.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
WREG
PUSH PC to
stack
No
operation
No
operation
No
operation
No
operation
No
operation
Example:
HERE
CALLW
Before Instruction
PC
=
address (HERE)
PCLATH =
10h
PCLATU =
00h
W
=
06h
After Instruction
PC
=
001006h
TOS
=
address (HERE + 2)
PCLATH =
10h
PCLATU =
00h
W
=
06h
MOVSF
Move Indexed to f
Syntax:
MOVSF [zs], fd
Operands:
0
≤ z
s ≤ 127
0
≤ f
d ≤ 4095
Operation:
((FSR2) + zs) → fd
Status Affected:
None
Encoding:
1st word (source)
2nd word (destin.)
1110
1111
1011
ffff
0zzz
ffff
zzzzs
ffffd
Description:
The contents of the source register are
moved to destination register ‘fd’. The
actual address of the source register is
determined by adding the 7-bit literal
offset ‘zs’ in the first word to the value of
FSR2. The address of the destination
register is specified by the 12-bit literal
‘fd’ in the second word. Both addresses
can be anywhere in the 4096-byte data
space (000h to FFFh).
The MOVSF instruction cannot use the
PCL, TOSU, TOSH or TOSL as the
destination register.
If the resultant source address points to
an indirect addressing register, the
value returned will be 00h.
Words:
2
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Determine
source addr
Determine
source addr
Read
source reg
Decode
No
operation
No dummy
read
No
operation
Write
register ‘f’
(dest)
Example:
MOVSF
[05h], REG2
Before Instruction
FSR2
=
80h
Contents
of 85h
=
33h
REG2
=
11h
After Instruction
FSR2
=
80h
Contents
of 85h
=
33h
REG2
=
33h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com