Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 314 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 314 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 312Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 315Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 316Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 317Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 312
© 2008 Microchip Technology Inc.
MOVSS
Move Indexed to Indexed
Syntax:
MOVSS [zs], [zd]
Operands:
0
≤ z
s ≤ 127
0
≤ z
d ≤ 127
Operation:
((FSR2) + zs) → ((FSR2) + zd)
Status Affected:
None
Encoding:
1st word (source)
2nd word (dest.)
1110
1111
1011
xxxx
1zzz
xzzz
zzzzs
zzzzd
Description
The contents of the source register are
moved to the destination register. The
addresses of the source and destination
registers are determined by adding the
7-bit literal offsets ‘zs’ or ‘zd’,
respectively, to the value of FSR2. Both
registers can be located anywhere in
the 4096-byte data memory space
(000h to FFFh).
The MOVSS instruction cannot use the
PCL, TOSU, TOSH or TOSL as the
destination register.
If the resultant source address points to
an indirect addressing register, the
value returned will be 00h. If the
resultant destination address points to
an indirect addressing register, the
instruction will execute as a NOP.
Words:
2
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Determine
source addr
Determine
source addr
Read
source reg
Decode
Determine
dest addr
Determine
dest addr
Write
to dest reg
Example:
MOVSS [05h], [06h]
Before Instruction
FSR2
=
80h
Contents
of 85h
=
33h
Contents
of 86h
=
11h
After Instruction
FSR2
=
80h
Contents
of 85h
=
33h
Contents
of 86h
=
33h
PUSHL
Store Literal at FSR2, Decrement FSR2
Syntax:
PUSHL k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (FSR2),
FSR2 – 1
→ FSR2
Status Affected:
None
Encoding:
1111
1010
kkkk
kkkk
Description:
The 8-bit literal ‘k’ is written to the data
memory address specified by FSR2. FSR2
is decremented by 1 after the operation.
This instruction allows users to push values
onto a software stack.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read ‘k’
Process
data
Write to
destination
Example:
PUSHL 08h
Before Instruction
FSR2H:FSR2L
=
01ECh
Memory (01ECh)
=
00h
After Instruction
FSR2H:FSR2L
=
01EBh
Memory (01ECh)
=
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com