Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 340 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 340 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 336Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 337Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 338Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 339Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 340Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 341Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 342Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 343Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 338
© 2008 Microchip Technology Inc.
TABLE 26-2:
COMPARATOR SPECIFICATIONS
TABLE 26-3:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions: 3.0V < VDD < 5.5V, -40°C < TA < +85°C (unless otherwise stated).
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage
—
±5.0
±10
mV
D301
VICM
Input Common Mode Voltage
0
—
VDD – 1.5
V
D302
CMRR
Common Mode Rejection Ratio
55
—
—
dB
300
TRESP
Response Time(1)
—
150
400
ns
PIC18FXXXX
300A
—
150
600
ns
PIC18LFXXXX,
VDD = 2.0V
301
TMC2OV
Comparator Mode Change to
Output Valid
——
10
μs
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions
from VSS to VDD.
Operating Conditions: 3.0V < VDD < 5.5V, -40°C < TA < +85°C (unless otherwise stated).
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D310
VRES
Resolution
VDD/24
—
VDD/32
LSb
D311
VRAA
Absolute Accuracy
—
—
1/2
LSb
D312
VRUR
Unit Resistor Value (R)
—
2k
—
Ω
310
TSET
Settling Time(1)
—
—
10
μs
Note 1:
Settling time measured while CVRR = 1 and CVR3:CVR0 transitions from ‘0000’ to ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com