Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 344 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 344 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 340Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 341Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 342Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 343Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 344Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 345Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 346Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 347Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 342
© 2008 Microchip Technology Inc.
26.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 26-6:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 26-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
1
MHz
XT, RC Oscillator mode
DC
25
MHz
HS Oscillator mode
DC
31.25
kHz
LP Oscillator mode
DC
40
MHz
EC Oscillator mode
Oscillator Frequency(1)
DC
4
MHz
RC Oscillator mode
0.1
4
MHz
XT Oscillator mode
4
25
MHz
HS Oscillator mode
4
10
MHz
HS + PLL Oscillator mode
5
200
kHz
LP Oscillator mode
1TOSC
External CLKI Period(1)
1000
—
ns
XT, RC Oscillator mode
40
—
ns
HS Oscillator mode
32
—
μs
LP Oscillator mode
25
—
ns
EC Oscillator mode
Oscillator Period(1)
250
—
ns
RC Oscillator mode
0.25
10
μs
XT Oscillator mode
40
250
ns
HS Oscillator mode
100
250
ns
HS + PLL Oscillator mode
5200
μs
LP Oscillator mode
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC, Industrial
160
—
ns
TCY = 4/FOSC, Extended
3TOSL,
TOSH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT Oscillator mode
2.5
—
μs
LP Oscillator mode
10
—
ns
HS Oscillator mode
4TOSR,
TOSF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT Oscillator mode
—
50
ns
LP Oscillator mode
—
7.5
ns
HS Oscillator mode
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result
in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested
to operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com