Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 345 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 345 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 341Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 342Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 343Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 344Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 345Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 346Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 347Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 348Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 343
PIC18F2525/2620/4525/4620
TABLE 26-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2V TO 5.5V)
TABLE 26-8:
AC CHARACTERISTICS: INTERNAL RC ACCURACY
PIC18F2525/2620/4525/4620 (INDUSTRIAL)
PIC18LF2525/2620/4525/4620 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC
Oscillator Frequency Range
4
—
10
MHz
HS mode only
F11
FSYS
On-Chip VCO System Frequency
16
—
40
MHz
HS mode only
F12
trc
PLL Start-up Time (Lock Time)
—
—
2
ms
F13
ΔCLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
PIC18LF2525/2620/4525/4620
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2525/2620/4525/4620
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Device
Min
Typ
Max
Units
Conditions
INTOSC Accuracy @ Freq = 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz, 125 kHz, 31 kHz(1)
PIC18LF2525/2620/4525/4620
-2
+/-1
2
%
+25°C
VDD = 2.7-3.3V
-5
+/-1
5
%
-40°C to +85°C VDD = 2.7-3.3V
PIC18F2525/2620/4525/4620
-2
+/-1
2
%
+25°C
VDD = 4.5-5.5V
-5
+/-1
5
%
-40°C to +85°C
VDD = 4.5-5.5V
INTRC Accuracy @ Freq = 31 kHz
PIC18LF2525/2620/4525/4620 26.562
—
35.938
kHz
-40°C to +85°C
VDD = 2.7-3.3V
PIC18F2525/2620/4525/4620 26.562
—
35.938
kHz
-40°C to +85°C
VDD = 4.5-5.5V
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com