Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 360 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 360 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 356Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 357Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 358Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 359Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 360Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 361Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 362Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 363Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 358
© 2008 Microchip Technology Inc.
FIGURE 26-21:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 26-22: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Note:
Refer to Figure 26-5 for load conditions.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TckH2dtV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
PIC18FXXXX
—
40
ns
PIC18LFXXXX
—
100
ns
VDD = 2.0V
121
Tckrf
Clock Out Rise Time and Fall Time
(Master mode)
PIC18FXXXX
—
20
ns
PIC18LFXXXX
—
50
ns
VDD = 2.0V
122
Tdtrf
Data Out Rise Time and Fall Time
PIC18FXXXX
—
20
ns
PIC18LFXXXX
—
50
ns
VDD = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com