Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 362 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 362 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 358Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 359Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 360Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 361Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 362Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 363Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 364Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 365Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 360
© 2008 Microchip Technology Inc.
FIGURE 26-23:
A/D CONVERSION TIMING
TABLE 26-25: A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK(1)
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note
1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2:
This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
. . .
. . .
TCY
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D Clock Period
PIC18FXXXX
0.7
25.0(1)
μsTOSC based, VREF ≥ 3.0V
PIC18LFXXXX
1.4
25.0(1)
μsVDD = 2.0V;
TOSC based, VREF full range
PIC18FXXXX
—
1
μs
A/D RC mode
PIC18LFXXXX
—
3
μsVDD = 2.0V; A/D RC mode
131
TCNV
Conversion Time
(not including acquisition time) (Note 2)
11
12
TAD
132
TACQ
Acquisition Time (Note 3)
1.4
—
μs-40°C to +85°C
135
TSWC
Switching Time from Convert
→ Sample
—
(Note 4)
TBD
TDIS
Discharge Time
0.2
—
μs
Note 1:
The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.
2:
ADRES register may be read on the following TCY cycle.
3:
The time for the holding capacitor to acquire the “New” input voltage when the voltage changes full scale
after the conversion (VDD to VSS or VSS to VDD). The source impedance (RS) on the input channels is 50
Ω.
4:
On the following cycle of the device clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com